Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130 Datasheet (PDF) - Analog Devices

ADP130 Datasheet PDF - Analog Devices
Part # ADP130
Download  ADP130 Download
File Size   491.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator

ADP130 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP130 Datasheet PDF - Analog Devices

Part # ADP130
Download  ADP130 Click to download

File Size   491.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator

ADP130 Datasheet (HTML) - Analog Devices


ADP130 Product details

GENERAL DESCRIPTION

The ADP130 is a low quiescent current, low dropout linear regulator. It is designed to operate in dual-supply mode with an input voltage as low as 1.2 V to increase efficiency and provide up to

350 mA of output current. The low 17 mV dropout voltage at a 100 mA load improves efficiency and allows operation over a wider input voltage range.



FEATURES

350 mA maximum output current

Input voltage supply range

   VBIAS = 2.3 V to 5.5 V

   VIN = 1.2 V to 3.6 V

   2.3 V < VIN < 3.6 V, VIN can be tied to VBIAS

Very low dropout voltage: 17 mV @ 100 mA load

Low quiescent current: 25 μA @ no load

Low shutdown current: <1 μA

±1% accuracy @ 25°C

Excellent PSRR performance: 70 dB @ 10 kHz

Excellent load/line transient response

Optimized for small 1 μF ceramic capacitors

Current limit and thermal overload protection

Logic controlled enable

5-lead TSOT package



APPLICATIONS

Mobile phones

Digital camera and audio devices

Portable and battery-powered equipment

Post dc-to-dc regulation



 




Similar Part No. - ADP130

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP130-0.8-EVALZ APEX-ADP130-0.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP130-1.8-EVALZ APEX-ADP130-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - ADP130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com