Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170 Datasheet (PDF) - Analog Devices

ADP170 Datasheet PDF - Analog Devices
Part # ADP170
Download  ADP170 Download
File Size   538.92 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300 mA, Low Quiescent Current, CMOS Linear Regulators

ADP170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP170 Datasheet PDF - Analog Devices

Part # ADP170
Download  ADP170 Click to download

File Size   538.92 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300 mA, Low Quiescent Current, CMOS Linear Regulators

ADP170 Datasheet (HTML) - Analog Devices


ADP170 Product details

GENERAL DESCRIPTION
The ADP170/ADP171 are low voltage input, low quiescent current, low-dropout (LDO) linear regulators that operate from 1.6 V to 3.6 V and provide up to 300 mA of output current. The low 66 mV dropout voltage at 300 mA load improves efficiency and allows operation over a wide input voltage range. The low 23 μA of quiescent current at a 0 mA load makes the ADP170/ADP171 ideal for battery-operated portable equipment.

FEATURES
    Maximum output current: 300 mA
    Input voltage range: 1.6 V to 3.6 V
    Low quiescent current IGND = 23 μA with 0 mA load IGND = 170 μA with 300 mA load
    Low shutdown current: <1 μA
    Low dropout voltage: 66 mV at 300 mA load
    Output voltage accuracy: ±1%
    Up to 31 fixed-output voltage options available from 0.8 V to 3.0 V
    Adjustable-output voltage range 0.8 V to 3.0 V (ADP171)
    Accuracy over line, load, and temperature: ±3%
    Stable with small 1 μF ceramic output capacitor
    PSRR performance of 70 dB at 10 kHz and 73 dB at 1 kHz
    Low noise: 30 μV rms at VOUT = 0.8 V
    Current limit and thermal overload protection
    Logic-controlled enable
    Compact 5-lead TSOT package

APPLICATIONS
    Mobile phones
    Digital camera and audio devices
    Portable and battery-powered equipment
    DSP/FPGA/microprocessor supplies
    Post dc-dc regulation




Similar Part No. - ADP170

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP170-1.8-EVALZ APEX-ADP170-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706-33-EVALZ AD-ADP1706-33-EVALZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ACPZ-0.75R7 AD-ADP1706ACPZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Similar Description - ADP170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122 AD-ADP122 Datasheet
616Kb / 20P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP124 AD-ADP124 Datasheet
676Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com