Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122 Datasheet (PDF) - Analog Devices

ADP122 Datasheet PDF - Analog Devices
Part # ADP122
Download  ADP122 Download
File Size   616.47 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator

ADP122 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP122 Datasheet PDF - Analog Devices

Part # ADP122
Download  ADP122 Click to download

File Size   616.47 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator

ADP122 Datasheet (HTML) - Analog Devices


ADP122 Product details

GENERAL DESCRIPTION
The ADP122/ADP123 are low quiescent current, low dropout linear regulators. They are designed to operate from an input voltage between 2.3 V and 5.5 V and to provide up to 300 mA of output current. The low 85 mV dropout voltage at a 300 mA load improves efficiency and allows operation over a wide input voltage range.

FEATURES
    Input voltage supply range: 2.3 V to 5.5 V
    300 mA maximum output current
    Fixed and adjustable output voltage versions
    Very low dropout voltage: 85 mV at 300 mA load
    Low quiescent current: 45 µA at no load
    Low shutdown current: <1 µA
    Initial accuracy: ±1% accuracy
    Up to 31 fixed-output voltage options available from 1.75 V to 3.3 V
    Adjustable-output voltage range 0.8 V to 5.0 V (ADP123)
    Excellent PSRR performance: 60 dB at 100 kHz
    Excellent load/line transient response
    Optimized for small 1.0 μF ceramic capacitors
    Current limit and thermal overload protection
    Logic controlled enable
    Compact packages: 5-lead TSOT and 6-lead 2 mm × 2 mm LFCSP

APPLICATIONS
    Digital camera and audio devices
    Portable and battery-powered equipment
    Automatic meter reading (AMR) meters
    GPS and location management units
    Medical instrumentation
    Point-of-sale equipment




Similar Part No. - ADP122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122-3.3-EVALZ AD-ADP122-3.3-EVALZ Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122-3.3-EVALZ AD-ADP122-3.3-EVALZ Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Cirrus Logic
ADP122-3.3-EVALZ APEX-ADP122-3.3-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
List of Unclassifed Man...
ADP1221 ETC-ADP1221 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
logo
Analog Devices
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
More results


Similar Description - ADP122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP124 AD-ADP124 Datasheet
676Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com