Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160 Datasheet (PDF) - Analog Devices

ADP160 Datasheet PDF - Analog Devices
Part # ADP160
Download  ADP160 Download
File Size   513.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator

ADP160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP160 Datasheet PDF - Analog Devices

Part # ADP160
Download  ADP160 Click to download

File Size   513.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator

ADP160 Datasheet (HTML) - Analog Devices


ADP160 Product details

GENERAL DESCRIPTION
The ADP160/ADP161/ADP162/ADP163 are ultralow quiescent current, low dropout, linear regulators that operate from 2.2 V to 5.5 V and provide up to 150 mA of output current. The low
195 mV dropout vol tage at 150 mA load improves efficiency and allows operation over a wide input voltage range.
The ADP16x are specifically designed for stable operation with a tiny 1 µF ± 30% ceramic input and output capacitors to meet the requirements of high performance, space-constrained
applications.
The ADP160 is available in 15 fixed output voltage options, ranging from 1.2 V to 4.2 V . The ADP160/ADP161 also include a switched resistor to discharge the output automatically when the LDO is disabled. The ADP162 is identical to the ADP160 but does not include the output discharge function.

FEATURES
   Ultralow quiescent current
     IQ = 560 nA with 0 µA load
     IQ = 860 nA with 1 µA load
   Stable with 1 µF ceramic input and output capacitors
   Maximum output current: 150 mA
   Input voltage range: 2.2 V to 5.5 V
   Low shutdown current: <50 nA typical
   Low dropout voltage: 195 mV at 150 mA load
   Initial accuracy: ±1%
   Accuracy over line, load, and temperature: ±3.5%
   15 fixed output voltage options: 1.2 V to 4.2 V
   Adjustable output available
   PSRR performance of 72 dB at 100 Hz
   Current limit and thermal overload protection
   Logic-control enable
   Integrated output discharge resistor
   5-lead  TSOT package
   4-ball, 0.5 mm pitch  WLCSP

APPLICATIONS
   Mobile phones
   Digital cameras and audio devices
   Portable and battery-powered equipment
   Post dc-to-dc regulation
   Portable medical devices




Similar Part No. - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
ADP1606-1.8-EVALZ AD-ADP1606-1.8-EVALZ Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
ADP1606ACPZN1.8-R7 AD-ADP1606ACPZN1.8-R7 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
ADP1607 AD-ADP1607 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607 AD-ADP1607 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
More results


Similar Description - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Texas Instruments
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com