Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP160
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP160 Datasheet HTML 5Page - Analog Devices ADP160 Datasheet HTML 6Page - Analog Devices ADP160 Datasheet HTML 7Page - Analog Devices ADP160 Datasheet HTML 8Page - Analog Devices ADP160 Datasheet HTML 9Page - Analog Devices ADP160 Datasheet HTML 10Page - Analog Devices ADP160 Datasheet HTML 11Page - Analog Devices ADP160 Datasheet HTML 12Page - Analog Devices ADP160 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP160/ADP161
Rev. 0 | Page 9 of 20
0.18
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
–40
–5
25
85
125
TEMPERATURE (°C)
VIN = 2.9V
VIN = 3.2V
VIN = 3.8V
VIN = 4.1V
VIN = 4.7V
VIN = 5.5V
Figure 13. Shutdown Current vs. Temperature at Various Input Voltages
250
200
150
100
50
0
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 2V
VOUT = 3.3V
Figure 14. Dropout Voltage vs. Load Current
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.00
3.1
3.2
3.3
3.4
3.5
3.6
VIN (V)
VDROP = 1mA
VDROP = 5mA
VDROP = 10mA
VDROP = 50mA
VDROP = 100mA
VDROP = 250mA
Figure 15. Output Voltage (VOUT) vs. Input Voltage (in Dropout)
140
120
100
80
60
40
20
0
3.1
3.2
3.3
3.4
3.5
3.6
VIN (V)
IGND = 1mA
IGND = 5mA
IGND = 10mA
IGND = 50mA
IGND = 100mA
IGND = 150mA
Figure 16. Ground Current vs. Input Voltage(VIN) in Dropout
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 17. Power Supply Rejection Ratio vs. Frequency, VOUT = 1.2 V, VIN = 2.2 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 18. Power Supply Rejection Ratio vs. Frequency, VOUT = 2.5 V, VIN = 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com