Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150 Datasheet (PDF) - Analog Devices

ADP150 Datasheet PDF - Analog Devices
Part # ADP150
Download  ADP150 Download
File Size   620.61 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, 150 mA CMOS Linear Regulator

ADP150 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP150 Datasheet PDF - Analog Devices

Part # ADP150
Download  ADP150 Click to download

File Size   620.61 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, 150 mA CMOS Linear Regulator

ADP150 Datasheet (HTML) - Analog Devices


ADP150 Product details

GENERAL DESCRIPTION

The ADP150 is an ultralow noise (9 µV), low dropout, linear regulator that operates from 2.2 V to 5.5 V and provides up to 150 mA of output current. The low 105 mV dropout voltage at 150 mA load improves efficiency and allows operation over a wide input voltage range.

Using an innovative circuit topology, the ADP150 achieves ultralow noise performance without the necessity of an additional noise bypass capacitor, making it ideal for noise sensitive analog and RF applications. The ADP150 also achieves ultralow noise performance without compromising PSRR or line and load transient performance. The ADP150 offers the best combination of ultralow noise and quiescent current consumption to maximize battery life in portable applications.



FEATURES

  Ultra low noise: 9 µV rms, independent of VOUT

  No additional noise bypass capacitor required

  Stable with 1 µF ceramic input and output capacitors

  Maximum output current: 150 mA

  Input voltage range: 2.2 V to 5.5 V

  Low quiescent current

     IGND = 10 µA with zero load

  Low shutdown current: <1 µA

  Low dropout voltage: 105 mV @ 150 mA load

  Initial output voltage accuracy: ±1%

  Up to 14 fixed output voltage options: 1.8 V to 3.3 V

  PSRR performance of 70 dB at 10 kHz

  Current limit and thermal overload protection

  Logic-controlled enable

  5-lead TSOT package

  4-ball, 0.8 mm × 0.8 mm, 0.4 mm pitch WLCSP



APPLICATIONS

  Mobile phones

  Digital camera and audio devices

  Portable and battery-powered equipment

  Post dc-to-dc regulation

  Portable medical devices

  RF, PLL, VCO, and clock power supplies



 




Similar Part No. - ADP150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADP150 AD-ADP150 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP150 AD-ADP150 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADP150 AD-ADP150 Datasheet
258Kb / 4P
Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
REV. C
More results


Similar Description - ADP150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com