Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9169 Datasheet (PDF) - Richtek Technology Corporation

RT9169 Datasheet PDF - Richtek Technology Corporation
Part # RT9169
Download  RT9169 Download
File Size   245.12 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR

RT9169 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9169 Datasheet PDF - Richtek Technology Corporation

Part # RT9169
Download  RT9169 Click to download

File Size   245.12 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR

RT9169 Datasheet (HTML) - Richtek Technology Corporation


RT9169 Product details

General Description
The RT9169/H series are 100mA ultra-low quiescent current CMOS low dropout (LDO) regulator designed for battery-powered equipments. The output voltages range from 1.2V to 5V with 0.1V per step.
The other features include 4μA ultra-low quiescent, low dropout voltage, high output accuracy, current limiting protection, and high ripple rejection ratio.

Features
• Ultra-Low Quiescent Current: 4μA
• Low Dropout: 450mV at 100mA
• Wide Operating Voltage Ranges: 2V to 6V
• Current Limiting Protection
• Only 1μF Output Capacitor Required for Stability
• High Power Supply Rejection Ratio
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Battery-Powered Equipment
• Palmtops, Notebook Computers
• Hand-held Instruments
• PCMCIA Cards




Similar Part No. - RT9169

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GB RICHTEK-RT9169-12GB Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GV RICHTEK-RT9169-12GV Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GVL RICHTEK-RT9169-12GVL Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GX RICHTEK-RT9169-12GX Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
More results


Similar Description - RT9169

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
250 mA Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
250 mA Low Quiescent Current LDO Regulator
12/08/06
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com