Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5101 Datasheet (PDF) - Anpec Electronics Coropration

APL5101 Datasheet PDF - Anpec Electronics Coropration
Part # APL5101
Download  APL5101 Download
File Size   262.89 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 150mA, 4uA Quiescent Current Regulator

APL5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5101 Datasheet PDF - Anpec Electronics Coropration

Part # APL5101
Download  APL5101 Click to download

File Size   262.89 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 150mA, 4uA Quiescent Current Regulator

APL5101 Datasheet (HTML) - Anpec Electronics Coropration


APL5101 Product details

General Description

The  APL5101/2  are  micro-power, ultra low dropout li near  regulator, which operate  from 2V  to 6V  input voltage and deliver up  to 150mA.   Typical  dropout voltage  is  only 200mV  at   150mA  loading.  Designed for use  in battery- powered system,   the  low 4mA quiescent   current   makes  it an ideal  choice.  



Features

· Ultra Low Quiescent Current: 4mA

· Ultra Low Dropout Voltage: 200mV@3.3V/150mA

· Fixed Output Voltages: 1.2V~3.5V, steps 100mV

· Guaranteed 150mA Output Current

· Stable with 1mF Output Capacitor

· Ceramic Capacitor can be used

· Current Limit Protection

· Controlled Short Circuit Current: 50mA

· Build in Thermal Protection

· SOT-23, SOT-23-5 and SOT-89 packages

· Lead Free Available (RoHS Compliant)



Applications

· Ha nd-held  Equi pment

· RTC  or  CMOS Backup  Power

· Battery  Powered  Equipment




Similar Part No. - APL5101

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
APL5101-12A ANPEC-APL5101-12A Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
APL5101-12AI-TRG ANPEC-APL5101-12AI-TRG Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
APL5101-12AI-TRL ANPEC-APL5101-12AI-TRL Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
APL5101-12B ANPEC-APL5101-12B Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
More results


Similar Description - APL5101

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101_13 Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
24V, 150mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com