Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F8962 Datasheet (PDF) - NXP Semiconductors

74F8962 Datasheet PDF - NXP Semiconductors
Part # 74F8962
Download  74F8962 Download
File Size   97.23 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-Bit latched bidirectional Futurebus transceivers open-collector

74F8962 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F8962 Datasheet PDF - NXP Semiconductors

Part # 74F8962
Download  74F8962 Click to download

File Size   97.23 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-Bit latched bidirectional Futurebus transceivers open-collector

74F8962 Datasheet (HTML) - NXP Semiconductors


74F8962 Product details

DESCRIPTION
The 74F8962 and 74F8963 are octal bidirectional latched transceivers and are intended to provide the electrical interface to a high performance wired-OR bus. The B port inverting drivers are low-capacitance open collector with controlled ramp and are designed to sink 100mA from 2 volts. The B port inverting receivers have a 150mV threshold region.

FEATURES
• Octal latched transceiver
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω
• High drive (100mA) open collector drivers on B port
• Reduced voltage swing (1 volt) produces less noise and reduces power consumption
• High speed operation enhances performance of backplane buses and facilitates incident wave switching
• Compatible with IEEE 896 futurebus standards
• Built–in precision band–gap reference provides accurate receiver thresholds and improved noise immunity
• Multiple GND pins minimize ground bounce
• Glitch–free power up/power down operation




Similar Part No. - 74F8962

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
74F8966 PHILIPS-74F8966 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results


Similar Description - 74F8962

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
16-Bit Latched Transceivers
logo
Micrel Semiconductor
SY10H602 MICREL-SY10H602 Datasheet
71Kb / 4P
9-BIT LATCHED
logo
Texas Instruments
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com