Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB2033 Datasheet (PDF) - NXP Semiconductors

FB2033 Datasheet PDF - NXP Semiconductors
Part # FB2033
Download  FB2033 Download
File Size   173.28 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit latched/registered/pass-thru Futurebus universal interface transceiver

FB2033 Datasheet (PDF)

Go To PDF Page Download Datasheet
FB2033 Datasheet PDF - NXP Semiconductors

Part # FB2033
Download  FB2033 Click to download

File Size   173.28 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit latched/registered/pass-thru Futurebus universal interface transceiver

FB2033 Datasheet (HTML) - NXP Semiconductors


FB2033 Product details

DESCRIPTION
The FB2033 is an 8-bit transceiver featuring a split input (AI) and output (AO) bus on the TTL-level side.

FEATURES
• 8-bit transceivers
• Latched, registered or straight through in either A to B or B to A path
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω.
• High drive 100mA BTL Open Collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces power consumption
• Built-in precision band-gap reference provides accurate receiver thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Each BTL driver has a dedicated Bus GND for a signal return
• Controlled output ramp and multiple GND pins minimize ground bounce
• Glitch-free power up/power down operation
• Low ICC current
• Tight output skew
• Supports live insertion




Similar Part No. - FB2033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FB2033A TI-FB2033A Datasheet
196Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
FB2033K TI-FB2033K Datasheet
197Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Similar Description - FB2033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
8-bit Futurebus transceiver
1995 May 25
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
8-Bit Latched Registered Transceiver
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
8-Bit Latched Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
8-Bit Latched Registered Transceiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com