Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBL22033 Datasheet (PDF) - NXP Semiconductors

FBL22033 Datasheet PDF - NXP Semiconductors
Part # FBL22033
Download  FBL22033 Download
File Size   147.24 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver

FBL22033 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBL22033 Datasheet PDF - NXP Semiconductors

Part # FBL22033
Download  FBL22033 Click to download

File Size   147.24 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver

FBL22033 Datasheet (HTML) - NXP Semiconductors


FBL22033 Product details

DESCRIPTION
The FBL22033 is an 8-bit transceiver featuring a split input (AI) and output (AO) bus on the TTL-level side.

FEATURES
• 8-bit transceivers
• Latched, registered or straight through in either A to B or B to A path
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω.
• High drive 100mA BTL Open Collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces power consumption
• Built-in precision band-gap reference provides accurate receiver thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Each BTL driver has a dedicated Bus GND for a signal return
• Controlled output ramp and multiple GND pins minimize ground bounce
• Glitch-free power up/power down operation
• Low ICC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flatpack
• 5V compatible I/O on A-port
• Same pinout and function as the FBL2033 except for 30Ω series termination on 4 outputs making external resistors unnecessary
• A port outputs include 30Ω termination to reduce overshoot and undershoot




Similar Part No. - FBL22033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22031BB PHILIPS-FBL22031BB Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
More results


Similar Description - FBL22033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
8-Bit Latched Registered Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com