Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBL22041 Datasheet (PDF) - NXP Semiconductors

FBL22041 Datasheet PDF - NXP Semiconductors
Part # FBL22041
Download  FBL22041 Download
File Size   93.41 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL 7-bit Futurebus transceiver standard A-port

FBL22041 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBL22041 Datasheet PDF - NXP Semiconductors

Part # FBL22041
Download  FBL22041 Click to download

File Size   93.41 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL 7-bit Futurebus transceiver standard A-port

FBL22041 Datasheet (HTML) - NXP Semiconductors


FBL22041 Product details

DESCRIPTION
The FBL22041 is a 7-bit bidirectional BTL transceiver and is intended to provide the electrical interface to a high performance wired-OR bus. The FBL22041 is an inverting transceiver.

FEATURES
• 7-bit BTL transceiver
• Separate I/O on TTL A-port
• Inverting
• Three separate pairs of driver enables in a 1 bit, 3 bit, 3 bit arrangement
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω.
• High drive 100mA BTL open collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces power consumption
• Built-in precision band-gap reference provides accurate receiver thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Controlled output ramp and multiple GND pins minimize ground bounce
• Each BTL driver has a dedicated Bus GND for a signal return
• Glitch-free power up/power down operation
• Low ICC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flatpack
• 5V compatible I/O on A-port
• The A port includes a series resistor of 30Ω making external terminating resistors unnecessary




Similar Part No. - FBL22041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040BB PHILIPS-FBL22040BB Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results


Similar Description - FBL22041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
8-bit Futurebus transceiver
1995 May 25
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
7-BIT TTL/BTL TRANSCEIVER
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
QUADRUPLE FUTUREBUS TRANSCEIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com