Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBL22040 Datasheet (PDF) - NXP Semiconductors

FBL22040 Datasheet PDF - NXP Semiconductors
Part # FBL22040
Download  FBL22040 Download
File Size   87.89 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL8-bit TTL to BTL transceiver

FBL22040 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBL22040 Datasheet PDF - NXP Semiconductors

Part # FBL22040
Download  FBL22040 Click to download

File Size   87.89 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V BTL8-bit TTL to BTL transceiver

FBL22040 Datasheet (HTML) - NXP Semiconductors


FBL22040 Product details

DESCRIPTION
The FBL22040 is an 8-bit bidirectional BTL transceiver and is intended to provide the electrical interface to a high performance wired-OR bus. The FBL22040 is an inverting transceiver.

FEATURES
• Resistor version of FB2040
• 8-bit BTL transceivers
• Separate I/O on TTL A-port
• Inverting
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω.
• High drive 100mA BTL open collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces power consumption
• Built-in precision band-gap reference provides accurate receiver thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Controlled output ramp and multiple GND pins minimize ground bounce
• Each BTL driver has a dedicated Bus GND for a signal return
• Glitch-free power up/power down operation
• Low ICC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flat Pack
• Same pin and function as FBL2040 except for a 30Ω series termination resistor
• The A outputs include a series resistor of 30Ω making external terminating resistors unnecessary




Similar Part No. - FBL22040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FBL22041BB PHILIPS-FBL22041BB Datasheet
93Kb / 14P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
More results


Similar Description - FBL22040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
7-BIT TTL/BTL TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com