Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB2040A Datasheet (PDF) - NXP Semiconductors

FB2040A Datasheet PDF - NXP Semiconductors
Part # FB2040A
Download  FB2040A Download
File Size   414.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit Futurebus transceiver

FB2040A Datasheet (PDF)

Go To PDF Page Download Datasheet
FB2040A Datasheet PDF - NXP Semiconductors

Part # FB2040A
Download  FB2040A Click to download

File Size   414.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit Futurebus transceiver

FB2040A Datasheet (HTML) - NXP Semiconductors


FB2040A Product details

DESCRIPTION
The FB2040A is an 8-bit bidirectional BTL transceiver and is intended to provide the electrical interface to a high performance wired-OR bus. The FB2040A is an inverting transceiver.

FEATURES
• 8-bit BTL transceivers
• Separate I/O on TTL A-port
• Inverting
• Drives heavily loaded backplanes with equivalent load impedances down to 10Ω.
• High drive 100mA BTL open collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces power consumption
• Built-in precision band-gap reference provides accurate receiver thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Controlled output ramp and multiple GND pins minimize ground bounce
• Each BTL driver has a dedicated Bus GND for a signal return
• Glitch-free power up/power down operation
• Low ICC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flat Pack




Similar Part No. - FB2040A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FB2040 TI-FB2040 Datasheet
136Kb / 9P
8-BIT TTL/BTL TRANSCEIVER
More results


Similar Description - FB2040A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
Quad futurebus backplane transceiver
1991 Jan 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
7-bit Futurebus transceiver
1995 May 25
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
QUADRUPLE FUTUREBUS TRANSCEIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com