Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4049 Datasheet (PDF) - NXP Semiconductors

74HC4049 Datasheet PDF - NXP Semiconductors
Part # 74HC4049
Download  74HC4049 Download
File Size   41.57 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hex inverting high-to-low level shifter

74HC4049 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4049 Datasheet PDF - NXP Semiconductors

Part # 74HC4049
Download  74HC4049 Click to download

File Size   41.57 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hex inverting high-to-low level shifter

74HC4049 Datasheet (HTML) - NXP Semiconductors


74HC4049 Product details

GENERAL DESCRIPTION
The 74HC4049 is a high-speed Si-gate CMOS device and is pin compatible with the “4049” of the “4000B” series. It is specified in compliance with JEDEC standard no. 7A.
The 74HC4049 provides six inverting buffers with a modified input protection structure, which has no diode connected to VCC. Input voltages of up to 15 V may therefore be used.
This feature enables the inverting buffers to be used as logic level translators, which will convert high level logic to low level logic, while operating from a low voltage power supply. For example 15 V logic (“4000B series”) can be converted down to 2 V logic.
The actual input switch level remains related to the VCC and is the same as mentioned in the family characteristics. At the same time each part can be used as a simple inverter without level translation.

FEATURES
• Output capability: standard
• ICC category: SSI

APPLICATIONS
• Converting 15 V logic (“4000B” series) down to 2 V logic.




Similar Part No. - 74HC4049

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
logo
Toshiba Semiconductor
74HC4049D TOSHIBA-74HC4049D Datasheet
205Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.4.0
logo
Nexperia B.V. All right...
74HC4049D NEXPERIA-74HC4049D Datasheet
221Kb / 11P
Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
74HC4049D NEXPERIA-74HC4049D Datasheet
155Kb / 14P
Hex inverting HIGH-to-LOW level shifter
Rev. 7 5 February 2016
74HC4049D,653 NEXPERIA-74HC4049D,653 Datasheet
155Kb / 14P
Hex inverting HIGH-to-LOW level shifter
Rev. 7 5 February 2016
More results


Similar Description - 74HC4049

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
Hex non-inverting HIGH-to-LOW level shifter
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com