Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4050 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4050 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4050
Download  74HC4050 Download
File Size   219.9 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex non-inverting HIGH-to-LOW level shifter

74HC4050 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4050 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4050
Download  74HC4050 Click to download

File Size   219.9 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex non-inverting HIGH-to-LOW level shifter

74HC4050 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4050 Product details

1. General description
The 74HC4050 is a hex buffer with over-voltage tolerant inputs. Inputs are overvoltage tolerant to
15 V which enables the device to be used in HIGH-to-LOW level shifting applications.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• Overvoltage tolerant inputs to 15 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC4050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
Solid State Inc
74HC4050 SOLIDSTATE-74HC4050 Datasheet
69Kb / 7P
Hex high-to-low level shifter
logo
Nexperia B.V. All right...
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
Hex non-inverting HIGH-to-LOW level shifter
logo
Toshiba Semiconductor
74HC4050AF TOSHIBA-74HC4050AF Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
NXP Semiconductors
74HC4050D PHILIPS-74HC4050D Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
More results


Similar Description - 74HC4050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
Hex inverting high-to-low level shifter
December 1990
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Nexperia B.V. All right...
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
Hex non-inverting HIGH-to-LOW level shifter
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com