Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD18N40LZT4 Datasheet (PDF) - STMicroelectronics

STGD18N40LZT4 Datasheet PDF - STMicroelectronics
Part # STGD18N40LZT4
Download  STGD18N40LZT4 Download
File Size   466.49 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ

STGD18N40LZT4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGD18N40LZT4 Datasheet PDF - STMicroelectronics

Part # STGD18N40LZT4
Download  STGD18N40LZT4 Click to download

File Size   466.49 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ

STGD18N40LZT4 Datasheet (HTML) - STMicroelectronics


STGD18N40LZT4 Product details

Description
This application-specific IGBT utilizes the most advanced PowerMESH technology
optimized for coil driving in the harsh environment of automotive ignition systems.
The device show very low on-state voltage and very high SCIS energy capability over
a wide operating temperature range. Moreover, ESD-protected logic level gate input
and an integrated gate resistor means no external protection circuitry is required.

Features
• AEC-Q101 qualified
• SCIS energy of 180 mJ @ TC = 150 °C, L = 3 mH
• Parts are 100% tested in SCIS
• ESD gate-emitter protection
• Gate-collector high voltage clamping
• Logic level gate drive
• Very low saturation voltage
• High pulsed current capability
• Gate and gate-emitter resistor

Applications
• Pencil coil electronic ignition driver




Similar Part No. - STGD18N40LZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
More results


Similar Description - STGD18N40LZT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
logo
STMicroelectronics
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
28-May-2013
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
05-Oct-2016
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
21-Feb-2018
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
13-Feb-2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
11-Jan-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com