Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD19N40LZ Datasheet (PDF) - STMicroelectronics

STGD19N40LZ Datasheet PDF - STMicroelectronics
Part # STGD19N40LZ
Download  STGD19N40LZ Download
File Size   1065.91 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ

STGD19N40LZ Datasheet (PDF)

Go To PDF Page Download Datasheet
STGD19N40LZ Datasheet PDF - STMicroelectronics

Part # STGD19N40LZ
Download  STGD19N40LZ Click to download

File Size   1065.91 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ

STGD19N40LZ Datasheet (HTML) - STMicroelectronics


STGD19N40LZ Product details

Description
This application-specific IGBT utilizes the most advanced PowerMESH™ technology. The built-in Zener diodes between gate-collector and gateemitter provide overvoltage protection capabilities. The device also exhibits low on-state voltage drop and low threshold drive for use in automotive ignition systems. DPAK 1 3 TAB C (2 or TAB) E (3) G (1) RG RGE SC30180

Features
■ AEC-Q101 qualified
■ 180 mJ of avalanche energy @ TC = 150 °C, L = 3 mH
■ ESD gate-emitter protection
■ Gate-collector high voltage clamping
■ Logic level gate drive
■ Low saturation voltage
■ High pulsed current capability
■ Gate and gate-emitter resistor

Applications
■ Pencil coil electronic ignition driver




Similar Part No. - STGD19N40LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10HF60KD STMICROELECTRONICS-STGD10HF60KD Datasheet
760Kb / 21P
Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
15-Sep-2015
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
02-Apr-2007
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGD10NC60K STMICROELECTRONICS-STGD10NC60K Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
More results


Similar Description - STGD19N40LZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
logo
STMicroelectronics
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
28-May-2013
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
21-Feb-2018
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
13-Feb-2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
11-Jan-2021
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
20-Jan-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com