Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD19N40LZ Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD19N40LZ
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD19N40LZ Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD19N40LZ Datasheet HTML 2Page - STMicroelectronics STGD19N40LZ Datasheet HTML 3Page - STMicroelectronics STGD19N40LZ Datasheet HTML 4Page - STMicroelectronics STGD19N40LZ Datasheet HTML 5Page - STMicroelectronics STGD19N40LZ Datasheet HTML 6Page - STMicroelectronics STGD19N40LZ Datasheet HTML 7Page - STMicroelectronics STGD19N40LZ Datasheet HTML 8Page - STMicroelectronics STGD19N40LZ Datasheet HTML 9Page - STMicroelectronics STGD19N40LZ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGD19N40LZ
6/17
DocID024506 Rev 6
2.1
Electrical characteristics (curves)
Figure 2. Collector-emitter on voltage vs.
temperature (IC = 6 A)
Figure 3. Collector-emitter on voltage vs.
temperature (IC = 10 A)
Figure 4. Collector-emitter on voltage vs.
temperature (VGE = 4.5 V)
Figure 5. Self clamped inductive switch
Figure 6. Output characteristics (TJ= 25 °C)
Figure 7. Output characteristics (TJ= -175 °C)
AM17126v1
1.1
1.2
1.3
1.4
-75
-25
25
75
125
Vce (sat)
(V)
Tc (°C)
I
C
= 6 A
Vge = 3.8 V
Vge = 4.5 V
Vge = 5 V
AM17127v1
1.4
1.5
1.6
1.7
-75
-25
25
75
125
Vce (sat)
(V)
Tc (°C)
Ic = 10 A
Vge = 4.5 V
Vge = 3.8 V
Vge = 5 V
AM17128v1
1.1
1.3
1.5
1.7
1.9
VCE(sat)
-75
-25
25
75
125
TC (°C)
IC= 6 A
IC= 10 A
IC = 15 A
VGE = 4.5 V
(V)
AM17129v1
0
10
20
30
40
50
12345
ISCIS
(A)
L (mH)
25°C
150°C
VCC = 24 V
VGE= 5 V
0
TC=
TC=
AM17130v1
0
10
20
30
40
50
60
02468
VGE = 3.5
VGE = 5 V
VGE = 4 V
VGE = 4.5
VGE = 5.5
VGE = 6 V
IC(A)
VCE (V)
AM17131v1
0
10
20
30
40
50
02468
VGE= 3.5
VGE= 5 V
VGE= 4 V
VGE= 4.5
VGE= 5.5
VGE= 6 V
IC(A)
VCE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com