Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD19N40LZ Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGD19N40LZ
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD19N40LZ Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGD19N40LZ Datasheet HTML 9Page - STMicroelectronics STGD19N40LZ Datasheet HTML 10Page - STMicroelectronics STGD19N40LZ Datasheet HTML 11Page - STMicroelectronics STGD19N40LZ Datasheet HTML 12Page - STMicroelectronics STGD19N40LZ Datasheet HTML 13Page - STMicroelectronics STGD19N40LZ Datasheet HTML 14Page - STMicroelectronics STGD19N40LZ Datasheet HTML 15Page - STMicroelectronics STGD19N40LZ Datasheet HTML 16Page - STMicroelectronics STGD19N40LZ Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STGD19N40LZ
16/17
DocID024506 Rev 6
5
Revision history
Table 9. Document revision history
Date
Revision
Changes
22-Apr-2013
1
Initial release.
20-May-2013
2
Added Figure 15.
17-Apr-2014
3
Modified title and features
Modified VCES(clamped), V(BR)ECS and IGES test conditions
Modified Figure 5 and 9
Updated Section 4: Package information
Minor text changes
04-Jun-2014
4
Updated features in cover page.
30-Jul-2015
5
Text and formatting changes throughout document.
Updated Section 4: Package information
05-Oct-2016
6
Updated Figure 9: Transfer characteristics.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com