Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD19N40LZ Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD19N40LZ
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD19N40LZ Datasheet(HTML) 3 Page - STMicroelectronics

  STGD19N40LZ Datasheet HTML 1Page - STMicroelectronics STGD19N40LZ Datasheet HTML 2Page - STMicroelectronics STGD19N40LZ Datasheet HTML 3Page - STMicroelectronics STGD19N40LZ Datasheet HTML 4Page - STMicroelectronics STGD19N40LZ Datasheet HTML 5Page - STMicroelectronics STGD19N40LZ Datasheet HTML 6Page - STMicroelectronics STGD19N40LZ Datasheet HTML 7Page - STMicroelectronics STGD19N40LZ Datasheet HTML 8Page - STMicroelectronics STGD19N40LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID024506 Rev 6
3/17
STGD19N40LZ
Electrical ratings
17
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (vGE = 0)
VCES(clamped)
V
VECS
Emitter collector voltage (VGE = 0)
20
V
IC
(1)
1.
Calculated according to the iterative formula
Collector current (continuous) at TC = 100 °C
25
A
ICP
(2)
2.
Pulse width limited by max. junction temperature allowed
Pulsed collector current
40
A
VGE
Gate-emitter voltage
VGE(clamped)
V
PTOT
Total dissipation at TC = 25 °C
125
W
ESCIS
(3)
3.
For ESCIS test circuit refer to Figure 16. (Inductive load switching), with A and B not connected.
Single pulse energy TC = 25 °C, L = 3 mH, VCC = 50 V
300
mJ
Single pulse energy TC =150 °C, L = 3 mH, VCC = 50 V
180
mJ
ISCIS
Avalanche current TC = 25 °C, L = 3 mH, VCC = 50 V
13.1
A
Avalanche current TC = 150 °C, L = 3 mH, VCC = 50 V
10.2
A
ESD
Human body model, R = 1.5 k
Ω, C = 100 pF
8
kV
Machine model, R = 0, C = 100 pF
800
V
Charged device model
2
kV
TSTG
Storage temperature
– 55 to 175
°C
TJ
Operating junction temperature
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.2
°C/W
Rthj-amb
Thermal resistance junction-ambient device in free air
100
°C/W
I
C TC
()
T
jmax
() TC
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com