Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD19N40LZ Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGD19N40LZ
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD19N40LZ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGD19N40LZ Datasheet HTML 3Page - STMicroelectronics STGD19N40LZ Datasheet HTML 4Page - STMicroelectronics STGD19N40LZ Datasheet HTML 5Page - STMicroelectronics STGD19N40LZ Datasheet HTML 6Page - STMicroelectronics STGD19N40LZ Datasheet HTML 7Page - STMicroelectronics STGD19N40LZ Datasheet HTML 8Page - STMicroelectronics STGD19N40LZ Datasheet HTML 9Page - STMicroelectronics STGD19N40LZ Datasheet HTML 10Page - STMicroelectronics STGD19N40LZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID024506 Rev 6
7/17
STGD19N40LZ
Electrical characteristics
17
Figure 8. Output characteristics (TJ= -40 °C)
Figure 9. Transfer characteristics
Figure 10. Collector cut-off current vs.
temperature
Figure 11. Normalized collector emitter voltage
vs. temperature (IC = 2 mA)
Figure 12. Normalized gate threshold voltage
vs. temperature
Figure 13. Normalized collector emitter on
voltage vs. temperature (IC = 10 A)
AM17132v1
0
10
20
30
40
50
60
70
02468
VGE= 3.5 V
VGE= 5 V
VGE= 4 V
VGE= 4.5 V
VGE= 5.5 V
VGE= 6 V
IC(A)
VCE (V)
AM17133v1
0
10
20
30
40
50
60
70
012345
VCE = 6 V
IC (A)
VGE (V)
TJ = -40°C
TJ= -25°C
TJ = 175°C
AM17134v1
0.01
0.1
1
10
-75
-25
25
75
125
Ices
(μA)
Tc (°C)
VCE = 200 V
VCE = 350 V
VGE= 0
AM17135v1
0.985
0.99
0.995
1.005
-75
-25
25
75
125
Tc (°C)
Vces
(norm)
Ic = 2 mA
Vge = 0 V
1
AM17136v1
0.6
0.7
0.8
0.9
1
1.1
-75
-25
25
75
125
Tc (°C)
VGE(th)
(norm)
VCE = VGE
IC = 1 mA
AM17137v1
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
-75
-25
25
75
125
Tc (°C)
VGE = 4.5 V
IC = 10 A
VCE(sat)
(norm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com