Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD19N40LZ Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGD19N40LZ
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD19N40LZ Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGD19N40LZ Datasheet HTML 8Page - STMicroelectronics STGD19N40LZ Datasheet HTML 9Page - STMicroelectronics STGD19N40LZ Datasheet HTML 10Page - STMicroelectronics STGD19N40LZ Datasheet HTML 11Page - STMicroelectronics STGD19N40LZ Datasheet HTML 12Page - STMicroelectronics STGD19N40LZ Datasheet HTML 13Page - STMicroelectronics STGD19N40LZ Datasheet HTML 14Page - STMicroelectronics STGD19N40LZ Datasheet HTML 15Page - STMicroelectronics STGD19N40LZ Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package information
STGD19N40LZ
12/17
DocID024506 Rev 6
Table 7. DPAK (TO-252) type A2 mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
4.95
5.10
5.25
E6.40
6.60
E1
5.10
5.20
5.30
e
2.162.282.40
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
L1
2.60
2.80
3.00
L2
0.65
0.80
0.95
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com