Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7250A4S Datasheet (PDF) - NXP Semiconductors

FXPS7250A4S Datasheet PDF - NXP Semiconductors
Part # FXPS7250A4S
Download  FXPS7250A4S Download
File Size   543.92 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Analog absolute pressure sensor, 20 kPa to 250 kPa

FXPS7250A4S Datasheet (PDF)

Go To PDF Page Download Datasheet
FXPS7250A4S Datasheet PDF - NXP Semiconductors

Part # FXPS7250A4S
Download  FXPS7250A4S Click to download

File Size   543.92 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Analog absolute pressure sensor, 20 kPa to 250 kPa

FXPS7250A4S Datasheet (HTML) - NXP Semiconductors


FXPS7250A4S Product details

description
The FXPS7250A4S high-performance, high-precision absolute pressure sensor consists
of a compact capacitive micro-electro-mechanical systems (MEMS) device coupled with
a digital integrated circuit (IC) producing a fully calibrated analog output.
This sensor is ideal for many automotive applications such as manifold air pressure
(MAP), comfort seating, and other applications requiring operating absolute pressure
ranges up to 250 kPa.
The sensing element is based on NXP's high precision capacitive pressure cell
technology. The architecture benefits from redundant pressure transducers as an
expanded quality measure. It delivers highly accurate ratiometric analog readings of
absolute pressure while operating from either a 3.3 V or 5.0 V power supply.
The sensor operates over a pressure range of 20 kPa to 250 kPa and over a wide
temperature range of –40 ºC to 130 ºC.
The sensor comes in an industry-leading 4 mm x 4 mm x 1.98 mm, restriction of
hazardous substances (RoHS) compliant, high-power quad flat no-lead (HQFN)
package[1] suitable for small printed circuit board (PCB) integration. Its AEC-Q100[2]
compliance, high accuracy, reliable performance, and high media resistivity make it ideal
for use in automotive, industrial, and consumer applications.

Features
• Absolute pressure range: 20 kPa to 250 kPa
• Operating temperature range: –40 °C to 130 °C
• Analog output for monitoring of the absolute pressure signal
• Pressure transducer and digital signal processor (DSP)
– Internal self-test
• Capacitance to voltage converter with anti-aliasing filter
• Sigma delta ADC plus sinc filter
• 800 Hz or 1000 Hz low-pass filter for absolute pressure
• Lead-free, 16-pin HQFN, 4 mm x 4 mm x 1.98 mm package




Similar Part No. - FXPS7250A4S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7250A4S NXP-FXPS7250A4S Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.2 - 3 November 2023
FXPS7250A4ST1 NXP-FXPS7250A4ST1 Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.2 - 3 November 2023
FXPS7250A4S NXP-FXPS7250A4S_V01 Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.2 - 3 November 2023
More results


Similar Description - FXPS7250A4S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7250A4 NXP-FXPS7250A4 Datasheet
326Kb / 22P
Analog absolute pressure sensor, 20 to 250 kPa
Rev. 4.1-29 May 2019
FXPS7250A4 NXP-FXPS7250A4_V01 Datasheet
449Kb / 24P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5 - 29 July 2022
FXPS7250D4 NXP-FXPS7250D4_V01 Datasheet
898Kb / 75P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6 - 6 June 2022
FXPS7250D4S NXP-FXPS7250D4S Datasheet
1Mb / 73P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1-9 August 2022
FXPS7400A4S NXP-FXPS7400A4S Datasheet
546Kb / 24P
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 1-9 August 2022
FXPS7550A4S NXP-FXPS7550A4S Datasheet
489Kb / 24P
Analog absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
FXPS7250D4S NXP-FXPS7250D4S_V01 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.1 - 28 June 2023
FXPS7250D4 NXP-FXPS7250D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6.1 - 28 June 2023
FXPS7250A4 NXP-FXPS7250A4_V02 Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5.1 - 3 November 2023
FXPS7250A4S NXP-FXPS7250A4S_V01 Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.2 - 3 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com