Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7250D4S Datasheet (PDF) - NXP Semiconductors

FXPS7250D4S Datasheet PDF - NXP Semiconductors
Part # FXPS7250D4S
Download  FXPS7250D4S Download
File Size   1135.65 Kbytes
Page   73 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital absolute pressure sensor, 20 kPa to 250 kPa

FXPS7250D4S Datasheet (PDF)

Go To PDF Page Download Datasheet
FXPS7250D4S Datasheet PDF - NXP Semiconductors

Part # FXPS7250D4S
Download  FXPS7250D4S Click to download

File Size   1135.65 Kbytes
Page   73 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital absolute pressure sensor, 20 kPa to 250 kPa

FXPS7250D4S Datasheet (HTML) - NXP Semiconductors


FXPS7250D4S Product details

description
The FXPS7250D4S high-performance, high-precision barometric absolute pressure
(BAP) sensor consists of a compact capacitive micro-electro-mechanical systems
(MEMS) device coupled with a digital integrated circuit (IC) producing a fully calibrated
digital output.
The sensor is based on NXP's high-precision capacitive pressure cell technology. The
architecture benefits from redundant pressure transducers as an expanded quality
measure. This sensor delivers highly accurate pressure and temperature readings
through either a serial peripheral interface (SPI) or an inter-integrated circuit (I2C)
interface. Furthermore, the sensor employs an on-demand digital self-test for the digital
IC and the MEMS transducers.
The sensor operates over a pressure range of 20 kPa to 250 kPa and over a wide
temperature range of −40 ºC to 130 ºC.
The sensor comes in an industry-leading 4 mm x 4 mm x 1.98 mm, restriction of
hazardous substances (RoHS) compliant, high power quad flat no lead (HQFN)
package[1] suitable for small PCB integration. Its AEC-Q100[2] compliance, high accuracy,
reliable performance, and high media resistivity make it ideal for use in automotive,
industrial, and consumer applications.

Features
• Absolute pressure range: 20 kPa to 250 kPa
• Operating temperature range: –40 °C to 130 °C
• Pressure transducer and digital signal processor (DSP)
– Digital self-test
• I
2C compatible serial interface
– Client mode operation
– Standard mode, Fast mode, and Fast-mode Plus support
• 32-bit SPI compatible serial interface
– Sensor data transmission commands
– 12-bit data for absolute pressure
– 8-bit data for temperature
– 2-bit basic status and 2-bit detailed status fields
– 3, 4, or 8-bit configurable CRC
• Capacitance to voltage converter with anti-aliasing filter
• Sigma delta ADC plus sinc filter
• 800 Hz or 1000 Hz low-pass filter for absolute pressure
• Lead-free, 16-pin HQFN, 4 mm x 4 mm x 1.98 mm package

Applications
3.1 Automotive
• Engine management digital MAP and BAP
• Comfort seating
• Small engine control
• Liquid propane gas (LPG) or compressed natural gas (CNG) engine management
3.2 Industrial
• Compressed air
• Manufacturing line control
• Gas metering
• Weather stations
3.3 Medical/Consumer
• Blood pressure monitor
• Medicine dispensing systems
• White goods




Similar Part No. - FXPS7250D4S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7250D4S NXP-FXPS7250D4S Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.1 - 28 June 2023
FXPS7250D4S NXP-FXPS7250D4S Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.3 - 3 November 2023
FXPS7250D4S NXP-FXPS7250D4S_V01 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.1 - 28 June 2023
FXPS7250D4S NXP-FXPS7250D4S_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.3 - 3 November 2023
More results


Similar Description - FXPS7250D4S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7250D4 NXP-FXPS7250D4 Datasheet
923Kb / 71P
Digital absolute pressure sensor, 20 to 250 kPa
Rev. 5-15 July 2019
FXPS7250A4 NXP-FXPS7250A4_V01 Datasheet
449Kb / 24P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5 - 29 July 2022
FXPS7250D4 NXP-FXPS7250D4_V01 Datasheet
898Kb / 75P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6 - 6 June 2022
FXPS7250A4S NXP-FXPS7250A4S Datasheet
543Kb / 24P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1-9 August 2022
FXPS7550D4S NXP-FXPS7550D4S Datasheet
1Mb / 73P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
FXPS7250D4S NXP-FXPS7250D4S_V01 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.1 - 28 June 2023
FXPS7250D4 NXP-FXPS7250D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6.1 - 28 June 2023
FXPS7250A4 NXP-FXPS7250A4_V02 Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5.1 - 3 November 2023
FXPS7250D4S NXP-FXPS7250D4S_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.3 - 3 November 2023
FXPS7250A4S NXP-FXPS7250A4S_V01 Datasheet
542Kb / 25P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 1.2 - 3 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com