Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1713 Datasheet (PDF) - Microchip Technology

PIC16LF1713 Datasheet PDF - Microchip Technology
Part # PIC16LF1713
Download  PIC16LF1713 Download
File Size   10221.54 Kbytes
Page   471 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers

PIC16LF1713 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1713 Datasheet PDF - Microchip Technology

Part # PIC16LF1713
Download  PIC16LF1713 Click to download

File Size   10221.54 Kbytes
Page   471 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers

PIC16LF1713 Datasheet (HTML) - Microchip Technology


PIC16LF1713 Product details

Description:
PIC16(L)F1713/6 microcontrollers combine Intelligent Analog integration with low cost and extreme low power (XLP) to suit a variety of general purpose applications. These 28-pin devices deliver on-chip op amps, Core Independent Peripherals (CLC, NCO and COG), Peripheral Pin Select and Zero-Cross Detect, providing for increased design flexibility.

Core Features:
• C Compiler Optimized RISC Architecture
• Only 49 Instructions
• Operating Speed:
- 0-32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Up to Four 8-bit Timers
• One 16-bit Timer
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Low-Power Brown-out Reset (LPBOR)
• Programmable Watchdog Timer (WDT) up to
256s
• Programmable Code Protection
Memory:
• Up to 8 Kwords Flash Program Memory
• Up to 1024 Bytes Data SRAM Memory
• Direct, Indirect and Relative Addressing modes
• High-Endurance Flash Data Memory (HEF)
- 128 bytes if nonvolatile data storage
- 100k erase/write cycles
Operating Characteristics:
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF1713/6)
- 2.3V to 5.5V (PIC16F1713/6)
• Temperature Range:
- Industrial: -40°C to 85°C
- Extended: -40°C to 125°C
eXtreme Low-Power (XLP) Features:
• Sleep mode: 50 nA @ 1.8V, typical
• Watchdog Timer: 500 nA @ 1.8V, typical
• Secondary Oscillator: 500 nA @ 32 kHz
• Operating Current:
- 8 uA @ 32 kHz, 1.8V, typical
- 32 uA/MHz @ 1.8V, typical
Digital Peripherals:
• Configurable Logic Cell (CLC):
- Integrated combinational and sequential logic
• Complementary Output Generator (COG):
- Rising/falling edge dead-band control/
blanking
• Numerically Controlled Oscillator (NCO):
- Generates true linear frequency control and
increased frequency resolution
- Input Clock: 0Hz < FNCO < 32 MHz
- Resolution: FNCO/220
• Capture/Compare/PWM (CCP) module
• PWM: Two 10-bit Pulse-Width Modulators
• Serial Communications:
- SPI, I2C, RS-232, RS-485, LIN compatible
- Auto-Baud Detect, auto-wake-up on start
• Up to 35 I/O Pins and One Input Pin:
- Individually programmable pull-ups
- Slew rate control
- Interrupt-on-change with edge-select
• Peripheral Pin Select (PPS):
- Enables pin mapping of digital I/O
Intelligent Analog Peripherals:
• Operational Amplifiers:
- Two configurable rail-to-rail op amps
- Selectable internal and external channels
- 2 MHz gain bandwidth product
• High-Speed Comparators:
- Up to two comparators
- 50 ns response time
- Rail-to-rail inputs
• 10-Bit Analog-to-Digital Converter (ADC):
- Up to 28 external channels
- Conversion available during Sleep
- Temperature indicator
• Zero-Cross Detector (ZCD):
- Detect when AC signal on pin crosses ground
• 8-Bit Digital-to-Analog Converter (DAC):
- Output available externally
- Internal connections to comparators, op
amps, Fixed Voltage Reference (FVR) and ADC
• Internal Voltage Reference module
Clocking Structure:
• 16 MHz Internal Oscillator Block:
- ±1% at calibration
- Selectable frequency range from 0 to 32 MHz
• 31 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
- Three crystal/resonator modes up to 20 MHz
- Two external clock modes up to 20 MHz
• Fail-Safe Clock Monitor
• Two-Speed Oscillator Start-up
• Oscillator Start-up Timer (OST)
Programming/Debug Features:
• In-Circuit Debug Integrated On-Chip
• Emulation Header for Advanced Debug:
- Provides trace, background debug and up to
32 hardware break points
• In-Circuit Serial Programming™ (ICSP™) via Two Pins




Similar Part No. - PIC16LF1713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
10Mb / 482P
Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
10Mb / 483P
Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
07/14/15
More results


Similar Description - PIC16LF1713

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C738 PHILIPS-P89C738 Datasheet
360Kb / 64P
8-bit Flash microcontrollers
1998 Apr 07
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
logo
Holtek Semiconductor In...
HT46F46E HOLTEK-HT46F46E Datasheet
568Kb / 88P
Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
July 28, 2009
logo
Microchip Technology
PIC16F1782 MICROCHIP-PIC16F1782 Datasheet
3Mb / 420P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
2011
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC16F1783-I MICROCHIP-PIC16F1783-I Datasheet
5Mb / 444P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
11/29/11
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
Cost-Effective Flash MCU
logo
Microchip Technology
PIC16F1704 MICROCHIP-PIC16F1704 Datasheet
5Mb / 51P
14/20-Pin 8-Bit Advanced Analog Flash Microcontrollers
01/27/15
PIC16LF1717 MICROCHIP-PIC16LF1717 Datasheet
10Mb / 482P
Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com