Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L04 Datasheet (PDF) - Zilog, Inc.

Z86L04 Datasheet PDF - Zilog, Inc.
Part # Z86L04
Download  Z86L04 Download
File Size   165.13 Kbytes
Page   26 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 8-Bit Cost-Effective Microcontrollers

Z86L04 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L04 Datasheet PDF - Zilog, Inc.

Part # Z86L04
Download  Z86L04 Click to download

File Size   165.13 Kbytes
Page   26 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 8-Bit Cost-Effective Microcontrollers

Z86L04 Datasheet (HTML) - Zilog, Inc.


Z86L04 Product details

GENERAL DESCRIPTION
Zilogs Z86L04/L08 microcontrollers (MCUs) are members of the Z8 single-chip MCU family, which offer easy software/hardware system expansion.
   
FEATURES
■ 18-Pin DIP and SOIC Packages
■ 0 °C to + 70 °C Standard Temperature
■ 2.0V to 3.9V Operating Range
■ 14 Input / Output Lines
■ Five Vectored, Prioritized Interrupts from Five Different
    Sources
■ Two On-Board Comparators
■ Software Enabled Watch-Dog Timer (WDT)
■ Programmable Interrupt Polarity
■ Two Standby Modes: STOP and HALT
■ Low-Voltage Protection
■ ROM Mask/OTP Options:
    – ROM Protect
    – Auto Latch Disable
    – Permanent Watch-Dog Timer (WDT)
    – RC Oscillator
    – 32 kHz Crystal Operation
    – Low EMI
    – WDT Clock Source (Z86L04 only)
■ Two Programmable 8-Bit Counter/Timers with
    6-Bit Programmable Prescalers
■ Power-On Reset (POR) Timer
■ On-Chip Oscillator that Accepts RC, Crystal, Ceramic
    Resonator, LC, or External Clock Drive
■ Clock-Free WDT Reset
■ Low-Power Consumption (40 mw)
■ Fast Instruction Pointer (1.5 µs @ 8 MHz)
■ Fourteen Digital Inputs at CMOS Levels;
    Schmitt-Triggered
   




Similar Part No. - Z86L04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L02 ZILOG-Z86L02 Datasheet
1Mb / 37P
Two On-Board Comparators
More results


Similar Description - Z86L04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86217 ZILOG-Z86217 Datasheet
63Kb / 7P
CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
logo
Holtek Semiconductor In...
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
Cost-Effective I/O Type 8-Bit MCU
June 9, 2004
logo
Zilog, Inc.
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
Holtek Semiconductor In...
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
December 30, 2008
logo
Microchip Technology
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
9Mb / 471P
Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 9/2018
PIC16LF1717 MICROCHIP-PIC16LF1717 Datasheet
10Mb / 482P
Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com