Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH2103WN Datasheet (PDF) - Rohm

SH2103WN Datasheet PDF - Rohm
Part # SH2103WN
Download  SH2103WN Download
File Size   1345.48 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 650V 80A Fast Recovery Diode

SH2103WN Datasheet (PDF)

Go To PDF Page Download Datasheet
SH2103WN Datasheet PDF - Rohm

Part # SH2103WN
Download  SH2103WN Click to download

File Size   1345.48 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 650V 80A Fast Recovery Diode

SH2103WN Datasheet (HTML) - Rohm


SH2103WN Product details

Features
1) Light Punch Through Type
2) Low Forward Voltage
3) Very Fast & Soft Recovery
4) Low Recovery Loss

Application
Free Wheeling




Similar Part No. - SH2103WN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH2102WN ROHM-SH2102WN Datasheet
1Mb / 4P
650V 50A Fast Recovery Diode
2022.06 - Rev.A
SH2104WN ROHM-SH2104WN Datasheet
1Mb / 4P
650V 20A Fast Recovery Diode
2022.10 - Rev.A
More results


Similar Description - SH2103WN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APF1.PBF VISHAY-VS-80APF1.PBF Datasheet
176Kb / 7P
Fast Soft Recovery Rectifier Diode, 80A
20-Oct-11
logo
Rohm
SH2102WN ROHM-SH2102WN Datasheet
1Mb / 4P
650V 50A Fast Recovery Diode
2022.06 - Rev.A
MH2101WZ ROHM-MH2101WZ Datasheet
234Kb / 3P
650V 30A Fast Recovery Diode
2019.08 - Rev.A
MH2102WZ ROHM-MH2102WZ Datasheet
232Kb / 3P
650V 50A Fast Recovery Diode
2019.08 - Rev.A
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
SH2104WN ROHM-SH2104WN Datasheet
1Mb / 4P
650V 20A Fast Recovery Diode
2022.10 - Rev.A
logo
Renesas Technology Corp
RJU65F24DWA RENESAS-RJU65F24DWA Datasheet
136Kb / 5P
650V - 50A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F25DWA RENESAS-RJU65F25DWA Datasheet
166Kb / 5P
650V - 75A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F26DWA RENESAS-RJU65F26DWA Datasheet
166Kb / 5P
650V - 100A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F28DWA RENESAS-RJU65F28DWA Datasheet
222Kb / 5P
650V - 200A - Fast Recovery Diode Application: Inverter
Apr.10.2020
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com