Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD56050 Datasheet (PDF) - STMicroelectronics

LD56050 Datasheet PDF - STMicroelectronics
Part # LD56050
Download  LD56050 Download
File Size   623.95 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 mA ultra-low dropout linear regulator with bias supply

LD56050 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD56050 Datasheet PDF - STMicroelectronics

Part # LD56050
Download  LD56050 Click to download

File Size   623.95 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 mA ultra-low dropout linear regulator with bias supply

LD56050 Datasheet (HTML) - STMicroelectronics


LD56050 Product details

Description
The LD56050 is a high accuracy voltage regulator, which provides 0.5 A of current. It
is equipped with an NMOS pass transistor, whose gate is biased by a dedicated pin,
thus allowing an ultra low-drop performance even at very low input voltages.
It is available in DFN4 1.2 x 1.2 package, allowing the maximum space saving.
The device is stabilized with a small ceramic capacitor on the output. The ultra lowdrop, low quiescent current and short circuit current foldback make the LD56050
suitable for low power battery-operated applications.
An enable logic control function puts the LD56050 in shutdown mode allowing a total
current consumption lower than 0.1 µA. Thermal protection is also included.

Features
• Input voltage from 0.8 to 5.5 V
• Bias supply pin
• Ultra low-dropout voltage (80 mV typ. at 500 mA load)
• Low ground current (27 μA typ. at no-load)
• Output voltage tolerance: ± 1.5% overtemperature, 0.5% at 25 °C
• 500 mA guaranteed output current
• 50 mV output voltage step available from 0.8 V to 3.6 V
• Logic-controlled electronic shutdown
• Internal current limit with foldback
• Thermal shutdown
• Output active discharge function
• Available in DFN4 1.2 x 1.2 mm package
• Temperature range: -40 °C to 85 °C

Applications
• Mobile phones
• Tablets
• Battery-powered systems
• Camera supply




Similar Part No. - LD56050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LD56050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
Sep-2006
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
500 mA, high performance low dropout linear regulator
13-Sep-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com