Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD56100 Datasheet (PDF) - STMicroelectronics

LD56100 Datasheet PDF - STMicroelectronics
Part # LD56100
Download  LD56100 Download
File Size   1568.8 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A very low dropout fast transient ultra-low noise linear regulator

LD56100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD56100 Datasheet PDF - STMicroelectronics

Part # LD56100
Download  LD56100 Click to download

File Size   1568.8 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A very low dropout fast transient ultra-low noise linear regulator

LD56100 Datasheet (HTML) - STMicroelectronics


LD56100 Product details

Description
The LD56100 high accuracy voltage regulator provides 1 A of current from an input
voltage ranging from 1.8 V to 5.5 V, with a typical dropout voltage of 120 mV.
It is available in DFN8 (1.2 x 1.6 mm) package, allowing the maximum space saving.
The device is stabilized with a ceramic capacitor on the output. The ultra-low drop
voltage, low quiescent current and fast transient response, together with the internal
soft-start circuit, make the LD56100 suitable for low power battery-operated
applications.
An enable logic control function puts the LD56100 in shutdown mode allowing a total
current consumption lower than 0.1 µA. Short-circuit protection with current limit
foldback and thermal protection are also included.

Features
• Input voltage from 1.8 to 5.5 V
• Ultra-low dropout voltage (120 mV typ. at 1 A load and VOUT = 3.3 V)
• Very low quiescent current (100 µA typ. at no-load, 0.03 µA typ. in off mode)
• Output voltage tolerance: ± 1% from -40 °C to +85 °C
• Ultra-low Noise: 13 µV RMS Noise from 10 Hz to 100 kHz at VOUT = 3.0 V
• High PSRR (70 dB@1 kHz)
• Wide range of output voltages available on request: from 1.0 V up to 5.0 V in 50
mV step
• Logic-controlled electronic shutdown
• Internal soft-start
• Optional output voltage discharge feature
• Compatible with ceramic capacitor COUT = 1 µF
• Internal current limit foldback and thermal protections
• Available in DFN8 (1.2 x 1.6 mm)
• Operating temperature range: -40 °C to 125 °C

Applications
• Mobile phones
• Tablets
• Battery-powered systems
• Camera supply




Similar Part No. - LD56100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD56100 STMICROELECTRONICS-LD56100 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LD56100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3150 LINER-LT3150 Datasheet
263Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
logo
Richtek Technology Corp...
RT9065 RICHTEK-RT9065 Datasheet
138Kb / 11P
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
May 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com