Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1240 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1240 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1240
Download  AOZ1240 Download
File Size   794.32 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 2A Simple Buck Regulator

AOZ1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1240 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1240
Download  AOZ1240 Click to download

File Size   794.32 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 2A Simple Buck Regulator

AOZ1240 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1240 Product details

General Description
The AOZ1240 is a high efficiency, simple to use, 2A buck
regulator flexible enough to be optimized for a variety of
applications. The AOZ1240 works from a 4.5V to 32V
input voltage range, and provides up to 2A of continuous
output current on each buck regulator output. The output
voltage is adjustable down to 0.8V.

Features
● 4.5V to 32V operating input voltage range
● 70mΩ internal NFET, efficiency: up to 95%
● Internal soft start
● Output voltage adjustable down to 0.8V
● 2A continuous output current
● Fixed 370kHz PWM operation
● Cycle-by-cycle current limit
● Short-circuit protection
● Thermal shutdown
● Small size, SO-8

Applications
● Point of load DC/DC conversion
● Set top boxes
● DVD drives and HDD
● LCD monitors & TVs
● Cable modems
● Telecom/networking/datacom equipment




Similar Part No. - AOZ1240

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
More results


Similar Description - AOZ1240

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
EZBuck??2A Simple Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
AOZ1283 AOSMD-AOZ1283 Datasheet
1Mb / 15P
EZBuck™ 2.5A Simple Buck Regulator
Rev. 1.0 May 2014
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com