Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1019 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1019 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1019
Download  AOZ1019 Download
File Size   634.05 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??2A Simple Regulator

AOZ1019 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1019 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1019
Download  AOZ1019 Click to download

File Size   634.05 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??2A Simple Regulator

AOZ1019 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1019 Product details

General Description
The AOZ1019 is a high efficiency, simple to use, 2A buck regulator. The AOZ1019 works from a 4.5V to 16V input voltage range, and provides up to 2A of continuous output current with an output voltage adjustable down to 0.8V.
The AOZ1019 comes in an SO-8 package and is rated over a -40°C to +85°C ambient temperature range.

Features
● 4.5V to 16V operating input voltage range
● 130mΩ internal PFET switch for high efficiency: up to 95%
● Internal soft start
● Output voltage adjustable to 0.8V
● 2A continuous output current
● Fixed 500kHz PWM operation
● Cycle-by-cycle current limit
● Short-circuit protection
● Under voltage lockout
● Output over voltage protection
● Thermal shutdown
● Small size SO-8 package

Applications
● Point of load DC/DC conversion
● PCIe graphics cards
● Set top boxes
● DVD drives and HDD
● LCD panels
● Cable modems
● Telecom/Networking/Datacom equipment




Similar Part No. - AOZ1019

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1019-EVA AOSMD-AOZ1019-EVA Datasheet
200Kb / 4P
EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1019AI AOSMD-AOZ1019AI Datasheet
200Kb / 4P
EZBuck??2A Simple Buck Regulator Evaluation Board Note
More results


Similar Description - AOZ1019

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com