Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1283PI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1283PI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1283PI
Download  AOZ1283PI Download
File Size   1141.25 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 2.5A Simple Buck Regulator

AOZ1283PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1283PI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1283PI
Download  AOZ1283PI Click to download

File Size   1141.25 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 2.5A Simple Buck Regulator

AOZ1283PI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1283PI Product details

General Description
The AOZ1283 is a high voltage, high efficiency, simple to
use, 2.5A buck regulator optimized for a variety of
applications. The AOZ1283 works from a 3.0V to 36V
input voltage range, and provides up to 2.5A of
continuous output current. The output voltage is
adjustable from 30V down to 0.8V.
The AOZ1283 integrates an N-channel high-side power
MOSFET. The switching frequency can set from 200kHz
to 2MHz with an external resistor. The soft-start time can
be set with an external capacitor.

Features
 3.0V to 36V operating input voltage range
 50mΩ internal NMOS
 Up to 95% efficiency
 Adjustable soft-start
 Output voltage adjustable from 0.8V to 30V
 2.5A continuous output current
 Adjustable switching frequency from 200kHz to 2MHz
 Cycle-by-cycle current limit
 Short-circuit protection
 Over-voltage protection
 Over-temperature protection
 EPAD SO-8 package

Applications
 Point-of-load DC/DC conversion
 Set top boxes and cable modems
 DVD drives and HDDs
 LCD Monitors & TVs
 Telecom/Networking/Datacom equipment




Similar Part No. - AOZ1283PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
EZBuck??2.5A Simple Buck Regulator
More results


Similar Description - AOZ1283PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
EZBuck??2.5A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
AOZ1281 AOSMD-AOZ1281 Datasheet
1Mb / 12P
EZBuck™ 1.8 A Simple Buck Regulator
Rev. 1.0 June 2011
AOZ1282CI-2 AOSMD-AOZ1282CI-2 Datasheet
957Kb / 13P
EZBuck™ 600mA Simple Buck Regulator
Rev. 1.1 April 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com