Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3982 Datasheet (PDF) - Maxim Integrated Products

MAX3982 Datasheet PDF - Maxim Integrated Products
Part # MAX3982
Download  MAX3982 Download
File Size   1139.43 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SFP Copper-Cable Preemphasis Driver

MAX3982 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3982 Datasheet PDF - Maxim Integrated Products

Part # MAX3982
Download  MAX3982 Click to download

File Size   1139.43 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SFP Copper-Cable Preemphasis Driver

MAX3982 Datasheet (HTML) - Maxim Integrated Products


MAX3982 Product details

General Description

The MAX3982 is a single-channel, copper-cable preemphasis driver that operates from 1Gbps to 4.25Gbps. It

provides compensation for copper links, such as 4.25Gbps Fibre Channel, allowing spans of up to 15m with 24AWG. The cable driver provides four selectable preemphasis levels. The input compensates for up to 10in of FR4 circuit board material at 4.25Gbps.



Features

♦Drives Up to 15m with 24AWG Cable

♦Drives Up to 30in of FR4

♦0.25W Total Power with +3.3V Supply

♦Selectable 1600mVP-P or 1200mVP-PDifferential Output Swing

♦Selectable Output Preemphasis

♦Fixed Input Equalization

♦Loss-of-Signal Detection with Selectable Sensitivity

♦Transmit Disable



Applications

SFP Active Copper-Cable Assemblies Backplanes

1.0625Gbps, 2.125Gbps, and 4.25Gbps Fibre Channel

1.25Gbps Ethernet

2.488Gbps STM16

InfiniBand

PCI Express




Similar Part No. - MAX3982

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX398-MAX399 MAXIM-MAX398-MAX399 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UGH MAXIM-MAX3980UGH Datasheet
436Kb / 9P
3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UTH+ MAXIM-MAX3980UTH+ Datasheet
436Kb / 9P
3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
More results


Similar Description - MAX3982

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3984 MAXIM-MAX3984 Datasheet
622Kb / 18P
1Gbps to 10Gbps Preemphasis Driver with Receive Equalizer
Rev 0; 7/07
logo
ATGBICS by Approved Tec...
CAB-SFP-SFP-1.5M-C ATGBICS-CAB-SFP-SFP-1.5M-C Datasheet
152Kb / 3P
CAB-SFP-SFP-1.5M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1.5m, Passive)
CAB-SFP-SFP-10M-C ATGBICS-CAB-SFP-SFP-10M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-10M Arista Compatible Direct Attach Copper Twinax Cable, 10G SFP Cu (10m, Passive)
CAB-SFP-SFP-1M-C ATGBICS-CAB-SFP-SFP-1M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-1M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
CAB-SFP-SFP-2M-C ATGBICS-CAB-SFP-SFP-2M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-SFP-3M-C ATGBICS-CAB-SFP-SFP-3M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-3M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
CAB-SFP-SFP-4M-C ATGBICS-CAB-SFP-SFP-4M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-4M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (4m, Passive)
CAB-SFP-SFP-5M-C ATGBICS-CAB-SFP-SFP-5M-C Datasheet
152Kb / 3P
CAB-SFP-SFP-5M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
CAB-SFP-SFP-6M-C ATGBICS-CAB-SFP-SFP-6M-C Datasheet
152Kb / 3P
CAB-SFP-SFP-6M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (6m, Passive)
CAB-SFP-SFP-7M-C ATGBICS-CAB-SFP-SFP-7M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-7M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com