Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3980UGH Datasheet (PDF) - Maxim Integrated Products

MAX3980UGH Datasheet PDF - Maxim Integrated Products
Part # MAX3980UGH
Download  MAX3980UGH Download
File Size   436.79 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.125Gbps XAUI Quad Equalizer

MAX3980UGH Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3980UGH Datasheet PDF - Maxim Integrated Products

Part # MAX3980UGH
Download  MAX3980UGH Click to download

File Size   436.79 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.125Gbps XAUI Quad Equalizer

MAX3980UGH Datasheet (HTML) - Maxim Integrated Products


MAX3980UGH Product details

General Description

The MAX3980 quad equalizer provides compensation for transmission medium losses for four “lanes” of digital NRZ data at a 3.125Gbps data rate in one package. It is tailor-made for 10-Gigabit Ethernet (10GbE) back plane applications requiring attenuation of noise and jitter that occur in communicating from MAC to PMD or from MAC to Switch. In support of the IEEE-802.3ae for the XAUI interface, the MAX3980 adaptively allows XAUI lanes to reach up to 40in (1.0m) on FR-4 board material.



Features

♦Four Differential Digital Data “Lanes” at 3.125Gbps

♦Spans 40in (1.0m) of FR-4 PC Board

♦Receiver Equalization Reduces Intersymbol Interference (ISI)

♦Low-Power, 175mW per Channel

♦Standby Mode—Power-Down State

♦Single +3.3V Supply

♦Signal Detect



Applications

IEEE-802.3ae XAUI Interface (3.125Gbps)

InfiniBandSM(2.5Gbps)




Similar Part No. - MAX3980UGH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX398-MAX399 MAXIM-MAX398-MAX399 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3981UGH MAXIM-MAX3981UGH Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
More results


Similar Description - MAX3980UGH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3803 MAXIM-MAX3803 Datasheet
254Kb / 8P
DC-Coupled, UCSP 3.125Gbps Equalizer
19-2699; Rev 0; 2/03
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
logo
Lattice Semiconductor
ORLI10G LATTICE-ORLI10G Datasheet
907Kb / 80P
Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
logo
Maxim Integrated Produc...
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
Quad-Channel XAUI/10GBASE-KR Transceiver
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com