Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3980UGH Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3980UGH
Description  3.125Gbps XAUI Quad Equalizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3980UGH Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3980UGH Datasheet HTML 1Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 2Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 3Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 4Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 5Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 6Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 7Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 8Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX3980 quad equalizer provides compensation
for transmission medium losses for four “lanes” of digi-
tal NRZ data at a 3.125Gbps data rate in one package.
It is tailor-made for 10-Gigabit Ethernet (10GbE) back-
plane applications requiring attenuation of noise and jit-
ter that occur in communicating from MAC to PMD or
from MAC to Switch. In support of the IEEE-802.3ae for
the XAUI interface, the MAX3980 adaptively allows
XAUI lanes to reach up to 40in (1.0m) on FR-4 board
material.
The equalizer has 100
Ω differential CML data inputs
and outputs.
The MAX3980 is available in a 44-pin exposed-pad
QFN package. The MAX3980 consumes only 700mW at
+3.3V or 175mW per channel.
Applications
IEEE-802.3ae XAUI Interface (3.125Gbps)
InfiniBandSM (2.5Gbps)
Features
♦ Four Differential Digital Data “Lanes” at
3.125Gbps
♦ Spans 40in (1.0m) of FR-4 PC Board
♦ Receiver Equalization Reduces Intersymbol
Interference (ISI)
♦ Low-Power, 175mW per Channel
♦ Standby Mode—Power-Down State
♦ Single +3.3V Supply
♦ Signal Detect
3.125Gbps XAUI Quad Equalizer
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
LINE CARD
PMD
MAC
Rx
Rx
Tx
Tx
Rx
Rx
Tx
Tx
10GbE
4
4
4
4
4
4
4 x 3.125Gbps
4 x
3.125Gbps
SWITCH
Rx
Tx
≤ 40in (1.0m)
SWITCH CARD
MAX3980
OUT
IN
+3.3V
SUPPLY
MAX3980
IN
OUT
+3.3V
SUPPLY
PC BOARD
BACKPLANE
≤ 40in (1.0m)
Typical Application Circuit
19-2153; Rev 3; 12/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX3980UGH
0°C to +85°C
44 QFN-EP*
MAX3980UTH+
0°C to +85°C
44 TQFN-EP*
+
Denotes a lead-free/RoHS-compliant package.
*
EP = Exposed pad.
InfiniBand is a trademark and service mark of the InfiniBand Trade Association.


Similar Part No. - MAX3980UGH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX398-MAX399 MAXIM-MAX398-MAX399 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3981UGH MAXIM-MAX3981UGH Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
More results

Similar Description - MAX3980UGH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3803 MAXIM-MAX3803 Datasheet
254Kb / 8P
DC-Coupled, UCSP 3.125Gbps Equalizer
19-2699; Rev 0; 2/03
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
logo
Lattice Semiconductor
ORLI10G LATTICE-ORLI10G Datasheet
907Kb / 80P
Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
logo
Maxim Integrated Produc...
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
Quad-Channel XAUI/10GBASE-KR Transceiver
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com