Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3980UGH Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3980UGH
Description  3.125Gbps XAUI Quad Equalizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3980UGH Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX3980UGH Datasheet HTML 1Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 2Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 3Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 4Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 5Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 6Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 7Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 8Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Signal Detect with Standby Mode
Signal activity is detected on channel 1 only. When the
peak-to-peak differential voltage at IN1± is less than
30mVp-p, the TTL output SDET goes low. When the
peak-to-peak differential voltage becomes greater than
100mVp-p, SDET is asserted high. SDET can be used
to automatically force the equalizer into standby mode
by connecting SDET directly to the EN input. When not
used, SDET should not be connected.
The signal-detect function continues to operate while
the part is in standby mode. While connected to the EN
pin, the signal detect can “wake up” the part and
resume normal operation.
Layout Considerations
Circuit-board layout and design can significantly affect
the MAX3980 performance. Use good high-frequency
design techniques, including minimizing ground induc-
tances and vias and using controlled-impedance trans-
mission lines for the high-frequency data signals.
Signals should be routed differentially to reduce EMI
susceptibility and crosstalk. Power-supply decoupling
capacitors should be placed as close as possible to
the VCC pins.
3.125Gbps XAUI Quad Equalizer
_______________________________________________________________________________________
7
VCC
1.2k
Ω
50
Ω
50
Ω
200
μA
IN+
IN-
ESD
STRUCTURES
Figure 2. CML Input Buffer
50
Ω
50
Ω
VCC
Q1
Q2
OUT+
OUT-
DATA
ESD
STRUCTURES
Figure 3. CML Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com