Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3980UGH Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3980UGH
Description  3.125Gbps XAUI Quad Equalizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3980UGH Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3980UGH Datasheet HTML 1Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 2Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 3Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 4Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 5Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 6Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 7Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 8Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3.125Gbps XAUI Quad Equalizer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, input data rate = 3.125Gbps, TA = 0°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +4.0V
Voltage at SDET, IN_±................................-0.5V to (VCC + 0.5V)
Current Out of OUT_±.......................................-25mA to +25mA
Continuous Power Dissipation (TA = +85°C)
44-Pin QFN-EP (derate 26.3mW/°C above +85°C)...2105mW
Operating Ambient Temperature Range ................0°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN = TTL low
0.25
Supply Power
EN = TTL high
0.7
0.9
W
10Hz < f < 100Hz
100
100Hz < f < 1MHz
40
Supply Noise Tolerance
1MHz < f < 2.5GHz
10
mVp-p
Signal Detect Assert
Input signal level to assert SDET (Note 1)
100
mVp-p
Signal Detect Deassert
Input signal level to deassert SDET (Note 1)
30
mVp-p
Signal Detect Delay
10
μs
Latency
From input to output
0.32
ns
CML RECEIVER INPUT
Input Voltage Swing
XAUI transmitter output measured
differentially at point A, Figure 1, using
K28.5 pattern
200
800
mVp-p
Return Loss
100MHz to 2.5GHz
12
dB
Input Resistance
Differential
80
100
120
Ω
EQUALIZATION
Total jitter (Note 2)
0.3
Residual Jitter
Deterministic jitter
0.2
UIp-p
Random Jitter
(Note 2)
1.5
psRMS
CML TRANSMITTER OUTPUT (into 100
Ω ±1Ω)
Output Voltage Swing
Differential swing
550
850
mVp-p
Common-Mode Voltage
VCC - 0.3
V
Transition Time
tf, tr
20% to 80% (Note 3)
60
130
ps
Differential Skew
Difference in 50% crossing between OUT_+
and OUT_-
12
ps
Output Resistance
Single ended
40
50
60
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com