Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3980UGH Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3980UGH
Description  3.125Gbps XAUI Quad Equalizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3980UGH Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3980UGH Datasheet HTML 1Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 2Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 3Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 4Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 5Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 6Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 7Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 8Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
Receiver and Transmitter
The receiver accepts four lanes of 3.125Gbps current-
mode logic (CML) digital data signals. The adaptive
equalizer compensates each received signal for dielec-
tric and skin losses. The limiting amp shapes the output
of the equalizer. The regenerated XAUI lanes are trans-
mitted as CML signals. The source impedance and ter-
mination impedances are 100
Ω differential.
General Theory of Operation
Internally, the MAX3980 comprises signal-detect cir-
cuitry, four matched equalizers, and one equalizer-
control loop. The four equalizers are made up of a mas-
ter equalizer and three slave equalizers. The adaptive
control is generated from only channel 1. It is assumed
that all channels have the same characterization in fre-
quency content, coding, and transmission length.
The master equalizer consists of the following functions:
signal detect, adaptive equalizer, equalizer control, and
limiting and output drivers. The signal detect indicates
input signal power. When the input signal level is suffi-
ciently high, the SDET output is asserted. This does not
directly control the operation of the part.
The equalizer core reduces intersymbol interference
(ISI), compensating for frequency-dependent, media-
induced loss. The equalization control detects the
spectral contents of the input signal and provides a
control voltage to the equalizer core, adapting it to dif-
ferent media. The equalizer operation is optimized for
short-run DC-balanced transmission codes such as
8b/10b codes.
CML Input and Output Buffers
The input and output buffers are implemented using
CML. Equivalent circuits are shown in Figures 2 and 3.
For details on interfacing with CML, see Maxim applica-
tion note HFAN-1.0,
Interfacing Between CML, PECL,
and LVDS. The common-mode voltage of the input and
output is above 2.5V. AC-coupling capacitors are
required when interfacing this part. Values of 0.10µF or
greater are recommended.
Media Equalization
Equalization at the input port compensates for the high-
frequency loss encountered with up to 40in (1.0m) of
FR-4 transmission lines. This part is optimized for 40in
and 3.125Gbps; however, the part reduces ISI for sig-
nals spanning longer distances and functions for data
rates from 2Gbps to 4Gbps, provided that short-length
balanced codes, such as 8b/10b, are used.
Applications Information
Standby Mode
The power-saver standby state allows reduced-power
operation. The TTL input, EN, must be set to TTL high
for normal operation. A TTL low at EN forces the equal-
izer into the standby state. The signal EN does not
affect the operation of the signal detect (SDET) func-
tion. For constant operation, connect the EN signal
directly to VCC.
3.125Gbps XAUI Quad Equalizer
6
_______________________________________________________________________________________
Functional Diagram
IN1+
IN1-
EQUALIZER
LIMITING
AMP
2
3
4
2
3
4
2
3
4
2
3
4
2
3
4
2
3
4
OUT1+
OUT1-
2
3
4
2
3
4
EN
POWER
MANAGEMENT
SDET FUNCTION IS
INDEPENDENT OF EN
SDET
TTL
CML
SIGNAL
DETECT
IP1, IN1 ONLY
MAX3980



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com