Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3980UGH Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3980UGH
Description  3.125Gbps XAUI Quad Equalizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3980UGH Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3980UGH Datasheet HTML 1Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 2Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 3Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 4Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 5Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 6Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 7Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 8Page - Maxim Integrated Products MAX3980UGH Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3.125Gbps XAUI Quad Equalizer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, input data rate = 3.125Gbps, TA = 0°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TTL CONTROL PINS
Input High Voltage
2.0
V
Input Low Voltage
0.8
V
Input High Current
250
μA
Input Low Current
500
μA
Output High Voltage
Internal 10k
Ω pullup
2.4
V
Output Low Voltage
Internal 10k
Ω pullup
0.4
V
Note 1: K28.7 pattern is applied differentially at point A as shown in Figure 1.
Note 2: Total jitter does not include the signal source jitter. Total jitter (TJ) = [14.1 x RJ + DJ] where RJ is random RMS jitter and DJ
is maximum deterministic jitter. Signal source is a K28.5± pattern (00 1111 1010 11 0000 0101) for the deterministic jitter
test and K28.7 (0011111000) or equivalent for the random jitter test. Residual jitter is that which remains after equalizing
media-induced losses of the environment of Figure 1 or its equivalent. The deterministic jitter at point B must be from media-
induced loss and not from clock-source modulation. Jitter is measured at 0 at point C of Figure 1.
Note 3: Using K28.7 (0011111000) pattern.
OUT
IN
SMA
CONNECTOR
SMA
CONNECTOR
≤ 40in (1m)
FR-4 STRIPLINE
A
B
C
MAX3980
Figure 1. Test Conditions Referenced in the Electrical Characteristics Table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com