Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C4002-10B6X Datasheet (PDF) - STMicroelectronics

M27C4002-10B6X Datasheet PDF - STMicroelectronics
Part # M27C4002-10B6X
Download  M27C4002-10B6X Download
File Size   196.51 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (256Kb x16) UV EPROM and OTP EPROM

M27C4002-10B6X Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C4002-10B6X Datasheet PDF - STMicroelectronics

Part # M27C4002-10B6X
Download  M27C4002-10B6X Click to download

File Size   196.51 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (256Kb x16) UV EPROM and OTP EPROM

M27C4002-10B6X Datasheet (HTML) - STMicroelectronics


M27C4002-10B6X Product details

Summary description

The M27C4002 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organized as 262,144 words of 16 bits.

The FDIP40W (window ceramic frit-seal package) has transparent lids which allow the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.

For applications where the content is programmed only one time and erasure is not required, the M27C4002 is offered in PDIP40, PLCC44 and TSOP40 (10 x 20 mm) packages.

In order to meet environmental requirements, ST offers the M27C4002 in ECOPACK® packages.



Feature summary

■ 5V ± 10% Supply voltage for Read operations

■ Access time: 45ns

■ Low Power consumption

   – Active Current 70mA at 10MHz

   – Standby current 100µa

■ Programming Voltage: 12.75V ± 0.25V

■ Programming Time: 100µs/word

■ Electronic Signature

   – Manufacturer Code: 20h

   – Device Code: 44h

■ ECOPACK® packages available



 




Similar Part No. - M27C4002-10B6X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4002-10B6TR STMICROELECTRONICS-M27C4002-10B6TR Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results


Similar Description - M27C4002-10B6X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com