Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W402 Datasheet (PDF) - STMicroelectronics

M27W402 Datasheet PDF - STMicroelectronics
Part # M27W402
Download  M27W402 Download
File Size   103.86 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM

M27W402 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W402 Datasheet PDF - STMicroelectronics

Part # M27W402
Download  M27W402 Click to download

File Size   103.86 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM

M27W402 Datasheet (HTML) - STMicroelectronics


M27W402 Product details

DESCRIPTION
The M27W402 is a low voltage 4 Mbit EPROM offered in the two range UV (Ultra Violet Erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage and is organised as 262,144 by 16 bits.

■ 2.7V to 3.6V SUPPLY VOLTAGE in READ OPERATION
■ ACCESS TIME:
    – 80ns at VCC = 3.0V to 3.6V
    – 100ns at VCC = 2.7V to 3.6V
■ PIN COMPATIBLE with M27C4002
■ LOW POWER CONSUMPTION:
    – 15µA max Standby Current
    – 15mA max Active Current at 5MHz
■ PROGRAMMING TIME 100µs/word
■ HIGH RELIABILITY CMOS TECHNOLOGY
    – 2,000V ESD Protection
    – 200mA Latchup Protection Immunity
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Device Code: 0044h




Similar Part No. - M27W402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W400-100B6TR STMICROELECTRONICS-M27W400-100B6TR Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W400-100F6TR STMICROELECTRONICS-M27W400-100F6TR Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W400-100K6TR STMICROELECTRONICS-M27W400-100K6TR Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W400-100XB6TR STMICROELECTRONICS-M27W400-100XB6TR Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
More results


Similar Description - M27W402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Apr-2000
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com