Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W202 Datasheet (PDF) - STMicroelectronics

M27W202 Datasheet PDF - STMicroelectronics
Part # M27W202
Download  M27W202 Download
File Size   103.21 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM

M27W202 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W202 Datasheet PDF - STMicroelectronics

Part # M27W202
Download  M27W202 Click to download

File Size   103.21 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM

M27W202 Datasheet (HTML) - STMicroelectronics


M27W202 Product details

DESCRIPTION
The M27W202 is a low voltage 2 Mbit EPROM offered in the two range UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage and is organised as 131,072 by 16 bits.

■ 2.7V to 3.6V SUPPLY VOLTAGE in READ OPERATION
■ ACCESS TIME:
    – 80ns at VCC = 3.0V to 3.6V
    – 100ns at VCC = 2.7V to 3.6V
■ LOW POWER CONSUMPTION:
    – Active Current 20mA at 5MHz
    – Standby Current 15µA
■ PIN COMPATIBLE with M27C202
■ PROGRAMMING TIME: 100µs/word
■ HIGH RELIABILITY CMOS TECHNOLOGY
    – 2,000V ESD Protection
    – 200mA Latchup Protection Immunity
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Device Code: 001Ch




Similar Part No. - M27W202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W201 STMICROELECTRONICS-M27W201 Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W201-100B6TR STMICROELECTRONICS-M27W201-100B6TR Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W201-100B6TR STMICROELECTRONICS-M27W201-100B6TR Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W201-100F6TR STMICROELECTRONICS-M27W201-100F6TR Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
More results


Similar Description - M27W202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
1 Mbit 128Kb x8 UV EPROM and OTP EPROM
04-Jun-2002
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Apr-1999
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com