Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W201 Datasheet (PDF) - STMicroelectronics

M27W201 Datasheet PDF - STMicroelectronics
Part # M27W201
Download  M27W201 Download
File Size   231.24 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM

M27W201 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W201 Datasheet PDF - STMicroelectronics

Part # M27W201
Download  M27W201 Click to download

File Size   231.24 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM

M27W201 Datasheet (HTML) - STMicroelectronics


M27W201 Product details

Features
■ 2.7V to 3.6V Low Voltage in Read Operation
■ Access Time:
– 70 ns at VCC = 3.0V to 3.6V
– 80 ns at VCC = 2.7V to 3.6V
■ Pin Compatible with M27C2001
■ Low Power Consumption:
– 15 µA Max. Standby Current
– 15 mA Max. Active Current at 5 MHz
■ Programming Time: 100 µs/byte
■ High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latch-up Protection Immunity
■ Electronic Signature
– Manufacturer Code: 20h
– Device Code: 61h
■ ECOPACK® packages available




Similar Part No. - M27W201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W201-100B6TR STMICROELECTRONICS-M27W201-100B6TR Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W201-100F6TR STMICROELECTRONICS-M27W201-100F6TR Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W201-100K6TR STMICROELECTRONICS-M27W201-100K6TR Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W201-100N6TR STMICROELECTRONICS-M27W201-100N6TR Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
More results


Similar Description - M27W201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com