Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W102 Datasheet (PDF) - STMicroelectronics

M27W102 Datasheet PDF - STMicroelectronics
Part # M27W102
Download  M27W102 Download
File Size   104.79 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM

M27W102 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W102 Datasheet PDF - STMicroelectronics

Part # M27W102
Download  M27W102 Click to download

File Size   104.79 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM

M27W102 Datasheet (HTML) - STMicroelectronics


M27W102 Product details

DESCRIPTION
The M27W102 is a low voltage 1 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage and is organized as 65,536 words by 16 bits.

■ 2.7V to 3.6V LOW VOLTAGE in READ OPERATION
■ READ ACCESS TIME:
    – 70ns at VCC = 3.0V to 3.6V
    – 80ns at VCC = 2.7V to 3.6V
■ PIN COMPATIBLE with M27C1024
■ LOW POWER CONSUMPTION:
    – 15µA max Standby Current
    – 15mA max Active Current at 5MHz
■ PROGRAMMING TIME 100µs/word
■ HIGH RELIABILITY CMOS TECHNOLOGY
    – 2,000V ESD Protection
    – 200mA Latchup Protection Immunity
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Device Code: 008Ch




Similar Part No. - M27W102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W101 STMICROELECTRONICS-M27W101 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100B6TR STMICROELECTRONICS-M27W101-100B6TR Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W101-100B6TR STMICROELECTRONICS-M27W101-100B6TR Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100F6TR STMICROELECTRONICS-M27W101-100F6TR Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
More results


Similar Description - M27W102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Apr-2000
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com