Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W102
Description  1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W102 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W102 Datasheet HTML 1Page - STMicroelectronics M27W102 Datasheet HTML 2Page - STMicroelectronics M27W102 Datasheet HTML 3Page - STMicroelectronics M27W102 Datasheet HTML 4Page - STMicroelectronics M27W102 Datasheet HTML 5Page - STMicroelectronics M27W102 Datasheet HTML 6Page - STMicroelectronics M27W102 Datasheet HTML 7Page - STMicroelectronics M27W102 Datasheet HTML 8Page - STMicroelectronics M27W102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
April 2000
M27W102
1 Mbit (64Kb x16) Low Voltage UV EPROM and OTP EPROM
s
2.7V to 3.6V LOW VOLTAGE in READ
OPERATION
s
READ ACCESS TIME:
–70ns at VCC = 3.0V to 3.6V
–80ns at VCC = 2.7V to 3.6V
s
PIN COMPATIBLE with M27C1024
s
LOW POWER CONSUMPTION:
–15
µA max Standby Current
– 15mA max Active Current at 5MHz
s
PROGRAMMING TIME 100
µs/word
s
HIGH RELIABILITY CMOS TECHNOLOGY
– 2,000V ESD Protection
– 200mA Latchup Protection Immunity
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code: 008Ch
DESCRIPTION
The M27W102 is a low voltage 1 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organized as 65,536
words by 16 bits.
The M27W102 operates in the read mode with a
supply voltage as low as 2.7V at –40 to 85
°C tem-
perature range. The decrease in operating power
allows either a reduction of the size of the battery
or an increase in the time between battery re-
charges.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For application where the content is programmed
only one time and erasure is not required, the
M27w102 is offered in PDIP40, PLCC44 and
TSOP40 (10 x 14 mm) packages.
Figure 1. Logic Diagram
AI01922
16
A0-A15
P
Q0-Q15
VPP
VCC
M27W102
G
E
VSS
16
1
40
1
40
FDIP40W (F)
PDIP40 (B)
PLCC44 (K)
TSOP40 (N)
10 x 14 mm


Similar Part No. - M27W102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W101 STMICROELECTRONICS-M27W101 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100B6TR STMICROELECTRONICS-M27W101-100B6TR Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W101-100B6TR STMICROELECTRONICS-M27W101-100B6TR Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100F6TR STMICROELECTRONICS-M27W101-100F6TR Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
More results

Similar Description - M27W102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Apr-2000
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com