Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW511AL70MC6T Datasheet (PDF) - STMicroelectronics

M68AW511AL70MC6T Datasheet PDF - STMicroelectronics
Part # M68AW511AL70MC6T
Download  M68AW511AL70MC6T Download
File Size   134.64 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (512K x8) 3.0V Asynchronous SRAM

M68AW511AL70MC6T Datasheet (PDF)

Go To PDF Page Download Datasheet
M68AW511AL70MC6T Datasheet PDF - STMicroelectronics

Part # M68AW511AL70MC6T
Download  M68AW511AL70MC6T Click to download

File Size   134.64 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (512K x8) 3.0V Asynchronous SRAM

M68AW511AL70MC6T Datasheet (HTML) - STMicroelectronics


M68AW511AL70MC6T Product details

SUMMARY DESCRIPTION
The M68AW511A is a 4 Mbit (4,194,304 bit) CMOS SRAM, organized as 524,288 words by 8 bits. The device features fully static operation requiring no external clocks or timing strobes, with equal address access and cycle times. It requires a single 2.7 to 3.6V supply.

FEATURES SUMMARY
■ SUPPLY VOLTAGE: 2.7 to 3.6V
■ 512K x 8 bits SRAM with OUTPUT ENABLE
■ EQUAL CYCLE and ACCESS TIMES: 55ns
■ LOW STANDBY CURRENT
■ LOW VCC DATA RETENTION: 1.5V
■ TRI-STATE COMMON I/O
■ LOW ACTIVE and STANDBY POWER




Similar Part No. - M68AW511AL70MC6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW512 STMICROELECTRONICS-M68AW512 Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AW512 STMICROELECTRONICS-M68AW512 Datasheet
296Kb / 19P
8 Mbit (512K x16) 3.0V Asynchronous SRAM
27-Sep-2004
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AW512DL55ZB1T STMICROELECTRONICS-M68AW512DL55ZB1T Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AW512DL55ZB6T STMICROELECTRONICS-M68AW512DL55ZB6T Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
More results


Similar Description - M68AW511AL70MC6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
1 Mbit 64K x16 3.0V Asynchronous SRAM
23-Apr-2003
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
1Mbit 128K x8, 3.0V Asynchronous SRAM
21-Aug-2003
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
8 Mbit (512K x16) 3.0V Asynchronous SRAM
27-Sep-2004
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
07-Jun-2002
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
27-Apr-2004
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com