Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064FB60ZB6 Datasheet (PDF) - STMicroelectronics

M58WR064FB60ZB6 Datasheet PDF - STMicroelectronics
Part # M58WR064FB60ZB6
Download  M58WR064FB60ZB6 Download
File Size   573.03 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory

M58WR064FB60ZB6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M58WR064FB60ZB6 Datasheet PDF - STMicroelectronics

Part # M58WR064FB60ZB6
Download  M58WR064FB60ZB6 Click to download

File Size   573.03 Kbytes
Page   87 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory

M58WR064FB60ZB6 Datasheet (HTML) - STMicroelectronics


M58WR064FB60ZB6 Product details

SUMMARY DESCRIPTION
The M58WR064FT/B is a 64 Mbit (4Mbit x16) nonvolatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.7V to 2V VDD supply for the circuitry and a 1.7V to 2.24V VDDQ supply for the Input/Output pins. An optional 12V VPP power supply is provided to speed up customer programming. The VPP pin can also be used as a control pin to provide absolute protection against program or erase.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDD = 1.7V to 2V for Program, Erase and Read
    – VDDQ = 1.7V to 2.24V for I/O Buffers
    – VPP = 12V for fast Program (optional)
■ SYNCHRONOUS / ASYNCHRONOUS READ
    – Synchronous Burst Read mode: 66MHz
    – Asynchronous/ Synchronous Page Read mode
    – Random Access: 60ns, 70ns, 80ns
■ SYNCHRONOUS BURST READ SUSPEND
■ PROGRAMMING TIME
    – 8µs by Word typical for Fast Factory Program
    – Double/Quadruple Word Program option
    – Enhanced Factory Program options
■ MEMORY BLOCKS
    – Multiple Bank Memory Array: 4 Mbit Banks
    – Parameter Blocks (Top or Bottom location)
■ DUAL OPERATIONS
    – Program Erase in one Bank while Read in others
    – No delay between Read and Write operations
■ BLOCK LOCKING
    – All blocks locked at Power up
    – Any combination of blocks can be locked
    – WP for Block Lock-Down
■ SECURITY
    – 128 bit user programmable OTP cells
    – 64 bit unique device number
■ COMMON FLASH INTERFACE (CFI)
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Codes: M58WR064FT (Top): 8810h M58WR064FB (Bottom): 8811h
■ PACKAGE
    – Compliant with Lead-Free Soldering Processes
    – Lead-Free Versions




Similar Part No. - M58WR064FB60ZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR064 STMICROELECTRONICS-M58WR064 Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
19-Feb-2003
M58WR064B STMICROELECTRONICS-M58WR064B Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064B100ZB6T STMICROELECTRONICS-M58WR064B100ZB6T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064B70ZB6T STMICROELECTRONICS-M58WR064B70ZB6T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064B85ZB6T STMICROELECTRONICS-M58WR064B85ZB6T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
More results


Similar Description - M58WR064FB60ZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
10-Jul-2002
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Jun-2003
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
07-Mar-2002
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
19-Feb-2003
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
03-Dec-2004
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
24-Sep-2004
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com