Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064ET Datasheet (PDF) - STMicroelectronics

M58WR064ET Datasheet PDF - STMicroelectronics
Part # M58WR064ET
Download  M58WR064ET Download
File Size   1100.87 Kbytes
Page   82 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory

M58WR064ET Datasheet (PDF)

Go To PDF Page Download Datasheet
M58WR064ET Datasheet PDF - STMicroelectronics

Part # M58WR064ET
Download  M58WR064ET Click to download

File Size   1100.87 Kbytes
Page   82 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory

M58WR064ET Datasheet (HTML) - STMicroelectronics


M58WR064ET Product details

SUMMARY DESCRIPTION
The M58WR064E is a 64 Mbit (4Mbit x16) non-volatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.65V to 2.2V VDD supply for the circuitry and a 1.65V to 3.3V VDDQ supply for the Input/Output pins. An optional 12V VPP power supply is provided to speed up customer programming.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDD = 1.65V to 2.2V for Program, Erase and Read
    – VDDQ = 1.65V to 3.3V for I/O Buffers
    – VPP = 12V for fast Program (optional)
■ SYNCHRONOUS / ASYNCHRONOUS READ
    – Synchronous Burst Read mode: 54MHz
    – Asynchronous/ Synchronous Page Read mode
    – Random Access: 70, 80, 100 ns
■ PROGRAMMING TIME
    – 8µs by Word typical for Fast Factory Program
    – Double/Quadruple Word Program option
    – Enhanced Factory Program options
■ MEMORY BLOCKS
    – Multiple Bank Memory Array: 4 Mbit Banks
    – Parameter Blocks (Top or Bottom location)
■ DUAL OPERATIONS
    – Program Erase in one Bank while Read in others
    – No delay between Read and Write operations
■ BLOCK LOCKING
    – All blocks locked at Power up
    – Any combination of blocks can be locked
    – WP for Block Lock-Down
■ SECURITY
    – 128 bit user programmable OTP cells
    – 64 bit unique device number
    – One parameter block permanently lockable
■ COMMON FLASH INTERFACE (CFI)
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M58WR064ET: 8810h
    – Bottom Device Code, M58WR064EB: 8811h




Similar Part No. - M58WR064ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR064B STMICROELECTRONICS-M58WR064B Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064B100ZB6T STMICROELECTRONICS-M58WR064B100ZB6T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064B70ZB6T STMICROELECTRONICS-M58WR064B70ZB6T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064B85ZB6T STMICROELECTRONICS-M58WR064B85ZB6T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58WR064F-ZB STMICROELECTRONICS-M58WR064F-ZB Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
More results


Similar Description - M58WR064ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Sep-2002
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Jun-2003
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
07-Mar-2002
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
21-May-2003
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
18-Nov-2004
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com