Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet (PDF) - STMicroelectronics

M58CR032C Datasheet PDF - STMicroelectronics
Part # M58CR032C
Download  M58CR032C Download
File Size   435.62 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory

M58CR032C Datasheet (PDF)

Go To PDF Page Download Datasheet
M58CR032C Datasheet PDF - STMicroelectronics

Part # M58CR032C
Download  M58CR032C Click to download

File Size   435.62 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory

M58CR032C Datasheet (HTML) - STMicroelectronics


M58CR032C Product details

SUMMARY DESCRIPTION
The M58CR032 is a 32 Mbit (2Mbit x16) non-volatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.65V to 2.0V VDD supply for the circuitry and a 1.65V to 3.3V VDDQ supply for the Input/Output pins. An optional 12V VPP power supply is provided to speed up customer programming. The VPP pin can also be used as a control pin to provide absolute protection against program or erase.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDD = 1.65V to 2V for Program, Erase and Read
    – VDDQ = 1.65V to 3.3V for I/O Buffers
    – VPP = 12V for fast Program (optional)
■ SYNCHRONOUS / ASYNCHRONOUS READ
    – Burst mode Read: 54MHz
    – Page mode Read (4 Words Page)
    – Random Access: 85, 100, 120 ns
■ PROGRAMMING TIME
    – 10µs by Word typical
    – Double/Quadruple Word programming option
■ MEMORY BLOCKS
    – Dual Bank Memory Array: 8/24 Mbit
    – Parameter Blocks (Top or Bottom location)
■ DUAL OPERATIONS
    – Read in one Bank while Program or Erase in other
    – No delay between Read and Write operations
■ BLOCK LOCKING
    – All blocks locked at Power up
    – Any combination of blocks can be locked
    – WP for Block Lock-Down
■ SECURITY
    – 64 bit user programmable OTP cells
    – 64 bit unique device identifier
    – One parameter block permanently lockable
■ COMMON FLASH INTERFACE (CFI)
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M58CR032C: 88C8h
    – Bottom Device Code, M58CR032D: 88C9h




Similar Part No. - M58CR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58CR032C100ZB6T STMICROELECTRONICS-M58CR032C100ZB6T Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58CR032C120ZB6T STMICROELECTRONICS-M58CR032C120ZB6T Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58CR032C85ZB6T STMICROELECTRONICS-M58CR032C85ZB6T Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
More results


Similar Description - M58CR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Jun-2003
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
19-Feb-2003
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
21-May-2003
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
19-Mar-2001
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
18-Nov-2004
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
22-Apr-2003
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com